Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRB Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRB Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRB Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
14
Freescale Semiconductor
AC Electrical Characteristics
6
AC Electrical Characteristics
The following sections include illustrations and tables of clock diagrams, signals, and CPM outputs and inputs for
66.67/83.33/100 MHz devices. Note that AC timings are based on a 50-pf load for MAX Delay and 10-pf load for
MIN delay. Typical output buffer impedances are shown in Table 8.
Table 7. Estimated Power Dissipation for Various Configurations 1
1
Test temperature = 105
° C
Bus
(MHz)
CPM
Multiplication
Factor
CPM
(MHz)
CPU
Multiplication
Factor
CPU
(MHz)
PINT(W)
2, 3
2
PINT = IDD x VDD Watts
3
Values do not include I/O. Add the following estimates for active I/O based on the following bus speeds:
66.7 MHz = 0.45 W (nominal), 0.5 W (maximum)
83.3 MHz = 0.5W (nominal), 0.6 W (maximum)
100 MHz = 0.6 W (nominal), 0.7 W (maximum)
Vddl 1.5 Volts
Nominal
Maximum
66.67
2.5
166
3.5
233
0.95
1.0
66.67
2.5
166
4
266
1.0
1.05
66.67
3
200
4
266
1.05
1.1
66.67
3.5
233
4.5
300
1.05
1.15
83.33
3
250
4
333
1.25
1.35
83.33
3
250
4.5
375
1.3
1.4
83.33
3.5
292
5
417
1.45
1.55
100
3
300
4
400
1.5
1.6
100
3
300
4.5
450
1.55
1.65
Table 8. Output Buffer Impedances 1
1
These are typical values at 65° C. Impedance may vary by ±25% with process and temperature.
Output Buffers
Typical Impedance (
Ω)
60x bus
45 or 27 2
2
On silicon revision 0.0 (mask #: 0K49M), selectable impedance is not available. Impedance is set at 45
Ω.
On all other revisions, impedance value is selected through the SIUMCR[20,21]. Refer to the
MPC8280
PowerQUICC II Family Reference Manual.
Local bus
45
Memory controller
45 or 272
Parallel I/O
45
PCI
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com