Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRB Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRB Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
77
Document Revision History
1.2
12/2004
• Section 2: removed voltage tracking note
• Table 3: Note 2 updated regarding VDD/VCCSYN relationship to VDDH during power-on reset
• Table 5: Note 2 updated to reflect VIH=2.5 for TCK, TRST, PORESET; request for external
pullup removed.
• Table 5: Note 4 added regarding IIC compatibility
• Section 4.2: New information about jumper-to-case thermal resistance
• Section 4.3: New information about jumper-to-board thermal resistance
• Section 4.4: New information about estimation with simulation
• Section 4.6: Updated description of layout practices
• Section 6: Added sentence providing derating factor
• Section 6.1, “CPM AC Characteristics”: added Note: Rise/Fall Time on CPM Input Pins
• Table 9: updated values for following specs: sp42, sp43, sp42a
• Table 10: updated values for following specs: sp16b, sp18b, sp20, sp22
• Section 6.2: added spread sprectrum clocking note
• Table 11: combined specs sp11 and sp11a
• Sections 7.2, 7.3: unit of ns added to Tval notes
• Section 7, “Clock Configuration Modes”: Updated all table footnotes reflect updated CPU Fmin
of 150 MHz commercial temp devices, 175 MHz extended temp; CPM Fmin of 120 MHz.
Table 25. Document Revision History (continued)
Revision
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com