Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRB Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRB Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 79 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
79
Document Revision History
0.3
6/2003
• Removal of notes stating “no local bus” on VR-package devices. The MPC8270VR and the
MPC8275VR have local bus support.
• References to “G2 core” changed to “G2_LE core.” Refer to the
G2 Core Reference Manual
(G2CORERM/D).
• Addition of VCCSYN to “Note” below Table 4, and to note 3 of Table 5
• Figure 2: New
• Table 5: Addition of note 1
• Table 6: Addition of
θJB and θJC. Modifications to ZU package values.
• Table 7: Addition of various configurations, Modification of values. Addition of note 3.
• Table 9: Addition of 66 MHZ and 100 MHz values. Addition of sp42a/sp43a.
• Table 10: Addition of 66 MHZ and 100 MHz values
• Table 12: sp30 values. sp33b @100 MHz value. Removal of previous note 2. Modification of
current note 2.
• Figure 5, Figure 6, Figure 7, and Figure 8: Addition of notes
• Section 6.2: Addition of note on PCI timing
• Table 16, Table 17, Table 18, Table 19, Table 20: Addition of note 1 concerning minimum
operating frequencies
• Addition of statement before clock tables about selection of clock configuration and input
frequency
• Table 21 and Table 23: Addition of note 1 to CPM pins
0.2
11/2002 Table 23, “VR Pinout”: Addition of C18 to the Ground (GND) pin list (page 63)
0.1
—
Initial public release
Table 25. Document Revision History (continued)
Revision
Date
Substantive Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com