Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRB Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRB Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
72
Freescale Semiconductor
Pinout
VCCSYN1
K6
CLKIN2
K21
SPARE4 3
C14
PCI_MODE 4
AD24
SPARE63
B15
No connect 5
E17, C23
I/O power
E6, F6, H6, L5, L6, P6, T6, U6, V5,
Y5, AA6, AA8, AA10, AA11,
AA14, AA16, AA17, AB19, AB20,
W21, U21, T21, P21, N21, M22,
J22, H21, F21, F19, F17, E16,
F14, E13, E12, F10, E10, E9
Core Power
L3, V4, W3, AC11, AD11, AB15,
U25, T24, J24, H25, F23, B19,
D17, C17, D10, C10
Ground
B18 6, A18 7, A2, B1, B2, A5, C5,
C18, D4, D6, G2, L4, P1, R1, R4,
AC4, AE7, AC23, Y25, N24, J23,
A23, D23, D20, E18, A13, A16,
K10, K11, K12, K13, K14, K15,
K16, K17, L10, L11, L12, L13,
L14, L15, L16, L17, M10, M11,
M12, M13, M14, M15, M16, M17,
N10, N11, N12, N13, N14, N15,
N16, N17, P10, P11, P12, P13,
P14, P15, P16, P17, R10,
R11,R12, R13, R14, R15, R16,
R17, T10, T11, T12, T13, T14,
T15, T16, T17, U10, U11, U12,
U13, U14, U15, U16, U17
1
Should be tied to VDDH via a 2K
Ω external pull-up resistor.
2
The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
3
Must be pulled down or left floating.
4
If PCI is not desired, must be pulled up or left floating.
5
Sphere is not connected to die.
6
GNDSYN (B18): This pin exists as a separate ground signal in MPC826x(A) devices; it does not exist as a separate
ground signal on the MPC8275/MPC8270. New designs must connect B18 to GND and follow the suggestions in
Section 4.6, “Layout Practices.” Old designs in which the MPC8275/MPC8270 is used as a drop-in replacement can
leave the pin connected to GND with the noise filtering capacitors.
7
XFC (A18) pin: This pin is used in MPC826x(A) devices; it is not used in MPC8275/MPC8270 because there is no
need for external capacitor to operate the PLL. New designs should connect A18 (XFC) pin to GND. Old designs in
which the MPC8275/MPC8270 is used as a drop-in replacement can leave the pin connected to the current capacitor.
Table 23. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (continued)
Pin Name
Ball
MPC8275/MPC8270
MPC8275 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com