Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280CVRB Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC8280CVRB
Description  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRB Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8280CVRB Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
57
Pinout
Symbols used in Table 21 are described in Table 22.
PCI_MODE 4
AF25
SPARE63
V4
No connect 5
AA1, AG4
I/O power
AG21, AG14, AG8, AJ1, AJ2,
AH1, AH2, AG3, AF4, AE5, AC27,
Y27, T27, P27, K26, G27, AE25,
AF26, AG27, AH28, AH29, AJ28,
AJ29, C7, C14, C16, C20, C23,
E10, A28, A29, B28, B29, C27,
D26, E25, H3, M4, T3, AA4, A1,
A2, B1, B2, C3, D4, E5
Core power
U28, U29, K28, K29, A9, A19,
B19, M1, M2, Y1, Y2, AC1, AC2,
AH19, AJ19, AH10, AJ10, AJ5
Ground
AA5, AB1 6, AB2 7, AF21, AF14,
AF8, AE7, AF11, AE17, AE23,
AC26, AB25, Y26, V25, T26, R25,
P26, M25, K27, H25, G26, D7,
D10, D14, D16, D20, D23, C9,
E11, E13, E15, E19, E22, B3, G5,
H4, K5, M3, P5, T4, Y5, AA2, AC3
1
Should be tied to VDDH via a 2K
Ω external pull-up resistor.
2
The default configuration of the CPM pins (PA[0–31], PB[4–31], PC[0–31], PD[4–31]) is input. To prevent excessive
DC current, it is recommended to either pull unused pins to GND or VDDH, or to configure them as outputs.
3
Must be pulled down or left floating.
4
If PCI is not desired, must be pulled up or left floating.
5
Sphere is not connected to die.
6
GNDSYN (AB1): This pin exists as a separate ground signal in MPC826x(A) devices; it does not exist as a separate
ground signal on the MPC8280. New designs must connect AB1 to GND and follow the suggestions in Section 4.6,
“Layout Practices.” Old designs in which the MPC8280 is used as a drop-in replacement can leave the pin connected
to GND with the noise filtering capacitors.
7
XFC (AB2) pin: This pin is used in MPC826x(A) devices; it is not used in MPC8280 because there is no need for
external capacitor to operate the PLL. New designs should connect AB2 (XFC) pin to GND. Old designs in which the
MPC8280 is used as a drop-in replacement can leave the pin connected to the current capacitor.
Table 22. Symbol Legend
Symbol
Meaning
OVERBAR
Signals with overbars, such as TA, are active low.
UTM
Indicates that a signal is part of the UTOPIA master interface.
UTS
Indicates that a signal is part of the UTOPIA slave interface.
Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com