Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220E Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 5Page - Sipex Corporation SP3220E Datasheet HTML 6Page - Sipex Corporation SP3220E Datasheet HTML 7Page - Sipex Corporation SP3220E Datasheet HTML 8Page - Sipex Corporation SP3220E Datasheet HTML 9Page - Sipex Corporation SP3220E Datasheet HTML 10Page - Sipex Corporation SP3220E Datasheet HTML 11Page - Sipex Corporation SP3220E Datasheet HTML 12Page - Sipex Corporation SP3220E Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Date: 8/30/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation

9
Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
DESCRIPTION
The SP3220E/EB/EU devices meet the EIA/TIA-
232 and V.28/V.24 communication protocols and
can be implemented in battery-powered, portable,
or hand-held applications such as notebook or
palmtop computers. The SP3220E/EB/EU de-
vices feature Sipex's proprietary on-board charge
pump circuitry that generates 2 x V
CC for RS-232
voltage levels from a single +3.0V to +5.5V power
supply. This series is ideal for +3.3V-only systems,
mixed +3.0V to +5.5V systems, or +5.0V-only
systems that require true RS-232 performance.
The SP3220EB device has a driver that can oper-
ate at a data rate of 250Kbps fully loaded. The
SP3220EUcanoperateat1000Kbps; theSP3220E
operates at a typical data rate of 235Kbps fully
loaded.
The SP3220E/EB/EU is a 1-driver/1-receiver de-
vice ideal for portable or hand-held applications.
The SP3220E/EB/EU features a 1µA shutdown
mode that reduces power consumption and ex-
tends battery life in portable systems. Its receivers
remains active in shutdown mode, allowing exter-
nal devices to be monitored using only 1µA supply
current.
THEORY OF OPERATION
The SP3220E/EB/EU devices are made up of
three basic circuit blocks: 1. Driver, 2. Receiver,
and 3. the Sipex proprietary charge pump.
Driver
The driver is an inverting level transmitter that
converts TTL or CMOS logic levels to +5.0V EIA/
TIA-232 levels, inverted relative to the input logic
levels. Typically, the RS-232 output voltage swing
is +5.5V with no load and at least +5V minimum
fullyloaded.Thedriveroutputsareprotectedagainst
infinite short-circuits to ground without degrada-
tion in reliability. Driver outputs will meet EIA/TIA-
562 levels of +3.7V with supply voltages as low as
2.7V.
The SP3220EB driver typically can operate at a
data rate of 250Kbps fully loaded with 3K in
parallel with 1000pF, ensuring compatibility with
PC-to-PC communication software.
The
SP3220EU driver can guarantee a data rate of
1000Kbps fully loaded with 3 in parallel with
250pF.
The slew rate of the SP3220E and SP3220EB
outputs are internally limited to a maximum of 30V/
µs in order to meet the EIA standards (EIA RS-
232D 2.1.7, Paragraph 5). The transition of the
loaded output from HIGH to LOW also meets the
monotonicity requirements of the standard. The
slew rate of the SP3220EU is not internally limited.
This allows it to transmit at much faster data rates.
Figure 12 shows a loopback circuit used to test the
RS-232 driver. Figure 13 shows the test results of
the loopback circuit with the SP3220EB driver
active at 250Kbps with an RS-232 load in parallel
with a 1000pF capacitor. Figure 14 shows the test
results where the SP3220EU driver was active at
1000Kbps and loaded with an RS-232 receiver in
parallel with a 250pF capacitor. A solid RS-232
data transmission rate of 250Kbps provides com-
patibility with many designs in personal computer
peripherals and LAN applications.
TheSP3220E/EB/EUdriver'soutputstageisturned
off (high-Z) when the device is in shutdown mode.
When the power is off, the SP3220E/EB/EU de-
vice permits the outputs to be driven up to +12V.
The driver's input does not have pull-up resistors.
Designers should connect an unused input to V
CC
or GND.
In the shutdown mode, the supply current falls to
less than 1µA, where SHDN = LOW. When the
SP3220E/EB/EU device is shut down, the device's
driver output is disabled (high-Z) and the charge
pump is turned off with V+ pulled down to V
CC and
V- pulled to GND. The time required to exit
shutdown is typically 100ms. Connect SHDN to
V
CC if the shutdown mode is not used. SHDN has
no effect on RxOUT. Note that the driver is enabled
only when the magnitude of V- exceeds approxi-
mately 3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com