Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220E Datasheet(PDF) 20 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 20 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 13Page - Sipex Corporation SP3220E Datasheet HTML 14Page - Sipex Corporation SP3220E Datasheet HTML 15Page - Sipex Corporation SP3220E Datasheet HTML 16Page - Sipex Corporation SP3220E Datasheet HTML 17Page - Sipex Corporation SP3220E Datasheet HTML 18Page - Sipex Corporation SP3220E Datasheet HTML 19Page - Sipex Corporation SP3220E Datasheet HTML 20Page - Sipex Corporation SP3220E Datasheet HTML 21Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Date: 8/30/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
20
Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
20
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP3220EBCA .......................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3220EBCA/TR ..................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3220EBCT ........................................... 0˚C to +70˚C .................................. 16-Pin Wide SOIC
SP3220EBCT/TR ..................................... 0˚C to +70˚C .................................. 16-Pin Wide SOIC
SP3220EBCY .......................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3220EBCY/TR ..................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3220EBEA .......................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3220EBEA/TR .................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3220EBET .......................................... -40˚C to +85˚C ................................ 16-Pin Wide SOIC
SP3220EBET/TR .................................... -40˚C to +85˚C ................................ 16-Pin Wide SOIC
SP3220EBEY .......................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
SP3220EBEY/TR .................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
SP3220ECA ............................................. 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3220ECA/TR ....................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3220ECT ............................................. 0˚C to +70˚C ........................................ 16-Pin WSOIC
SP3220ECT/TR ....................................... 0˚C to +70˚C ........................................ 16-Pin WSOIC
SP3220ECY ............................................. 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3220ECY/TR ....................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
/TR = Tape and Reel
Pack quantity is 1,500 for WSOIC, or SSOP; pack quantity is 2,500 for 16-pin TSSOP.
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP3220ECA/TR = standard; SP3220ECA-L/TR = Lead Free
21
Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP3220EEA ............................................ -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3220EEA/TR ...................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3220EET ............................................ -40˚C to +85˚C ...................................... 16-Pin WSOIC
SP3220EET/TR ...................................... -40˚C to +85˚C ...................................... 16-Pin WSOIC
SP3220EEY ............................................ -40˚C to +85˚C ...................................... 16-Pin TSSOP
SP3220EEY/TR ...................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
SP3220EUCA .......................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3220EUCA/TR .................................... 0˚C to +70˚C .......................................... 16-Pin SSOP
SP3220EUCT .......................................... 0˚C to +70˚C .................................. 16-Pin Wide SOIC
SP3220EUCT/TR ..................................... 0˚C to +70˚C .................................. 16-Pin Wide SOIC
SP3220EUCY/TR .................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3220EUCY .......................................... 0˚C to +70˚C ........................................ 16-Pin TSSOP
SP3220EUEA ......................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3220EUEA/TR .................................... -40˚C to +85˚C ........................................ 16-Pin SSOP
SP3220EUET .......................................... -40˚C to +85˚C ................................ 16-Pin Wide SOIC
SP3220EUET/TR .................................... -40˚C to +85˚C ................................ 16-Pin Wide SOIC
SP3220EUEY ......................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
SP3220EUEY/TR .................................... -40˚C to +85˚C ...................................... 16-Pin TSSOP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
/TR = Tape and Reel
Pack quantity is 1,500 for WSOIC, or SSOP; pack quantity is 2,500 for 16-pin TSSOP.
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP3220ECA/TR = standard; SP3220ECA-L/TR = Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com