Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220E Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 11Page - Sipex Corporation SP3220E Datasheet HTML 12Page - Sipex Corporation SP3220E Datasheet HTML 13Page - Sipex Corporation SP3220E Datasheet HTML 14Page - Sipex Corporation SP3220E Datasheet HTML 15Page - Sipex Corporation SP3220E Datasheet HTML 16Page - Sipex Corporation SP3220E Datasheet HTML 17Page - Sipex Corporation SP3220E Datasheet HTML 18Page - Sipex Corporation SP3220E Datasheet HTML 19Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Date: 8/30/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
5
15
Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
The Contact Discharge Method applies the
ESD current directly to the EUT. This method
was devised to reduce the unpredictability
of the ESD arc. The discharge current rise
time is constant since the energy is directly
transfered without the air-gap arc. In situa-
tions such as hand held systems, the ESD
charge can be directly discharged to the
equipment from a person in contact with the
equipment. The current is transferred on to
the keypad or the serial port of the equip-
ment directly and then travels through the
PCB and finally to the IC.
The circuit models in Figure 20 and 21
represent the typical ESD testing circuits
used for all three methods. The C
S is initially
charged with the DC power supply when
the first switch (SW1) is on. Now that the
capacitor is charged, the second switch
(SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then ap-
plied through R
S, the current limiting resis-
tor, onto the device under test (DUT). In
ESD tests, the SW2 switch is pulsed so that
the device under test recives a duration of
voltage.
Figure 21. ESD Test Circuit for IEC1000-4-2
RS and RV add up to 330 for IEC1000-4-2.
RS and RV add up to 330 for IEC1000-4-2.
Contact-Discharge Module
RV
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
For the Human Body Model, the current
limiting resistor (R
S) and the source capaci-
tor (C
S) are 1.5k
and 100pF, respectively.
For IEC-1000-4-2, the current limiting resis-
tor (RS) and the source capacitor (CS) are
330 and 150pF, respectively.
The higher CS value and lower RS value in
the IEC1000-4-2 model are more stringent
than the Human Body Model. The larger
storage capacitor injects a higher voltage to
the test point when SW2 is switched on. The
lower current limiting resistor increases the
current charge onto the test point.
30A
15A
0A
t=0nS
t=30nS
t
Figure 22. ESD Test Waveform for IEC1000-4-2
Device Pin
Human Body
IEC1000-4-2
Tested
Model
Air Discharge Direct Contact Level
Driver Ouputs
±
15kV
±
15kV
±
8kV
4
Receiver Inputs
±
15kV
±
15kV
±
8kV
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com