Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220E Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 13Page - Sipex Corporation SP3220E Datasheet HTML 14Page - Sipex Corporation SP3220E Datasheet HTML 15Page - Sipex Corporation SP3220E Datasheet HTML 16Page - Sipex Corporation SP3220E Datasheet HTML 17Page - Sipex Corporation SP3220E Datasheet HTML 18Page - Sipex Corporation SP3220E Datasheet HTML 19Page - Sipex Corporation SP3220E Datasheet HTML 20Page - Sipex Corporation SP3220E Datasheet HTML 21Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Date: 8/30/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation

17
Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
D
E H
PACKAGE: PLASTIC�
SMALL OUTLINE (SOIC)
DIMENSIONS (Inches)�
Minimum/Maximum�
(mm)�
�
A
A1
Ø
L
B
e
A�
�
�
A1�
�
�
B�
�
�
D�
�
�
E�
�
�
e�
�
�
H�
�
�
L�
�
�
Ø
16–PIN�
�
0.090/0.104�
(2.29/2.649)�
�
0.004/0.012�
(0.102/0.300)�
�
0.013/0.020�
(0.330/0.508)�
�
0.398/0.413�
(10.10/10.49)�
�
0.291/0.299�
(7.402/7.600)�
�
0.050 BSC�
(1.270 BSC)�
�
0.394/0.419�
(10.00/10.64)�
�
0.016/0.050�
(0.406/1.270)�
�
0°/8°�
(0°/8°)
18–PIN�
�
0.090/0.104�
(2.29/2.649))�
�
0.004/0.012�
(0.102/0.300)�
�
0.013/0.020�
(0.330/0.508)�
�
0.447/0.463�
(11.35/11.74)�
�
0.291/0.299�
(7.402/7.600)�
�
0.050 BSC�
(1.270 BSC)�
�
0.394/0.419�
(10.00/10.64)�
�
0.016/0.050�
(0.406/1.270)�
�
0°/8°�
(0°/8°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com