Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220E Datasheet(PDF) 19 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 19 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 13Page - Sipex Corporation SP3220E Datasheet HTML 14Page - Sipex Corporation SP3220E Datasheet HTML 15Page - Sipex Corporation SP3220E Datasheet HTML 16Page - Sipex Corporation SP3220E Datasheet HTML 17Page - Sipex Corporation SP3220E Datasheet HTML 18Page - Sipex Corporation SP3220E Datasheet HTML 19Page - Sipex Corporation SP3220E Datasheet HTML 20Page - Sipex Corporation SP3220E Datasheet HTML 21Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Date: 8/30/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation

19
Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
RECOMMENDED UPGRADES
Contact factory for availability of the following legacy part numbers. For long term avail-
ability Sipex recommends upgrades as listed below. All upgrade part numbers shown are
fully pinout and function compatible with legacy part numbers. Upgrade part numbers
may contain feature and/or performance enhancements or other changes to datasheet
parameters.
Legacy Part
Recommended
Number
Upgrade
SP3220CA .................. SP3220ECA
SP3220CA-L ............... SP3220ECA-L
SP3220CT .................. SP3220ECT
SP3220CY .................. SP3220ECY
SP3220EA .................. SP3220EEA
SP3220ET................... SP3220EET
SP3220EY .................. SP3220EEY
SP3220BCA ................ SP3220EBCA
SP3220BCT ................ SP3220EBCT
SP3220BCY ................ SP3220EBCY
SP3220BEA ................ SP3220EBEA
SP3220BET ................ SP3220EBET
SP3220BEY ................ SP3220EBEY
SP3220UCA................ SP3220EUCA
SP3220UCT ................ SP3220EUCT
SP3220UCY................ SP3220EUCY
SP3220UEA ................ SP3220EUEA
SP3220UET ................ SP3220EUET
SP3220UEY ................ SP3220EUEY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com