Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220E Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 8Page - Sipex Corporation SP3220E Datasheet HTML 9Page - Sipex Corporation SP3220E Datasheet HTML 10Page - Sipex Corporation SP3220E Datasheet HTML 11Page - Sipex Corporation SP3220E Datasheet HTML 12Page - Sipex Corporation SP3220E Datasheet HTML 13Page - Sipex Corporation SP3220E Datasheet HTML 14Page - Sipex Corporation SP3220E Datasheet HTML 15Page - Sipex Corporation SP3220E Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Date: 8/30/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
2
Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
12
Phase 4
— V
DD transfer — The fourth phase of the clock
connects the negative terminal of C
2 to GND, and
transfers this positive generated voltage across C
2
to C
4, the VDD storage capacitor. This voltage is
regulated to +5.5V. At this voltage, the internal
oscillator is disabled. Simultaneous with the trans-
fer of the voltage to C
4, the positive side of capaci-
tor C
1 is switched to VCC and the negative side is
connected to GND, allowing the charge pump
cycle to begin again. The charge pump cycle will
continue as long as the operational conditions for
the internal oscillator are present.
In a no–load condition V+ and V– will be symmetri-
cal, since both V+ and V– are separately generated
from V
CC.
Older charge pump approaches that
generate V– from V+ will show a decrease in the
magnitude of V– compared to V+ due to the
inherent inefficiencies in the design.
CHARGE PUMP DESIGN GUIDELINES
The charge pump operates with 0.1µF ca-
pacitors for 3.3V operation. For other supply
voltages, see the table for required capacitor
values. Do not use values smaller than those
listed. Increasing the capacitor values (e.g.,
by doubling in value) reduces ripple on the
transmitter outputs and may slightly reduce
power consumption. C2, C3, and C4 may be
increased without changing C1’s value.
The charge pump oscillator typically operates
at greater than 250kHz allowing the pump to
run efficiently with small 0.1µF capacitors.
Efficient operation depends on rapidly charg-
ing and discharging C
1 and C2, therefore
capacitors should be mounted close to the IC
and have low ESR (equivalent series resis-
tance).
Low cost surface mount ceramic capacitors
(such as are widely used for power-supply
decoupling) are ideal for use on the charge
pump. However the charge pumps are de-
signed to be able to function properly with a
wide range of capacitor styles and values. If
polarizedcapacitorsareusedthepositiveand
negative terminals should be connected as
shown in the Typical Operating Circuit.
Voltage potential across any of the capacitors
will never exceed 2 x V
CC. Therefore capaci-
tors with working voltages as low as 6.3V
rating may be used with a 3.0V V
CC supply.
The reference terminal of the V+ capacitor
may be connected either to V
CC or ground, but
if connected to ground a minimum 10V work-
ing voltage is required. Higher working volt-
ages and/or capacitance values may be ad-
vised if operating at higher V
CC or to provide
greater stability as the capacitors age.
Under lightly loaded conditions the intelligent
pump oscillator maximizes efficiency by run-
ning only as needed to maintain V+ and V-.
Sinceinterfacetransceiversoftenspendmuch
of their time at idle, this power-efficient inno-
vation can greatly reduce total power con-
sumption. This improvement is made pos-
sible by the independent phase sequence of
the Sipex charge-pump design.
d
e
d
n
e
m
m
o
c
e
r
m
u
m
i
n
i
M
e
u
l
a
v
r
o
t
i
c
a
p
a
c
p
m
u
p
e
g
r
a
h
c
t
u
p
n
I
c
c
V
e
g
a
tl
o
V
r
o
ti
c
a
p
a
C
p
m
u
p
e
g
r
a
h
C
U
E
/
B
E
/
E
0
2
2
3
P
S
r
o
f
e
u
l
a
v
V
6
.
3
o
t
V
0
.
3
F
u
1
.
0
=
4
C
–
1
C
V
5
.
5
o
t
V
0
.
3
F
u
2
2
.
0
=
4
C
–
1
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com