Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3220E Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3220E
Description  3.0V to 5.5V RS-232 Driver/Receiver Pair
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3220E Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3220E Datasheet HTML 7Page - Sipex Corporation SP3220E Datasheet HTML 8Page - Sipex Corporation SP3220E Datasheet HTML 9Page - Sipex Corporation SP3220E Datasheet HTML 10Page - Sipex Corporation SP3220E Datasheet HTML 11Page - Sipex Corporation SP3220E Datasheet HTML 12Page - Sipex Corporation SP3220E Datasheet HTML 13Page - Sipex Corporation SP3220E Datasheet HTML 14Page - Sipex Corporation SP3220E Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Date: 8/30/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation

11
Date: 8/22/05
SP3220E/EB/EU High ESD RS-232 Driver/Receiver
© Copyright 2005 Sipex Corporation
Table 2. Truth Table Logic for Shutdown and
Enable Control
N
D
H
S
N
E
T
U
O
x
T
T
U
O
x
R
0
0
e
t
a
t
s
-i
r
T
e
vi
t
c
A
0
1
e
t
a
t
s
-i
r
T
e
t
a
t
s
-i
r
T
1
0
e
vi
t
c
A
e
vi
t
c
A
1
1
e
vi
t
c
A
e
t
a
t
s
-i
r
T
Receivers
The receiver converts EIA/TIA-232 levels to TTL or
CMOS logic output levels. The receiver has an
inverting high-impedance output. This receiver
output (RxOUT) is at high-impedance when the
enable control EN = HIGH. In the shutdown mode,
the receiver can be active or inactive. EN has no
effect on TxOUT. The truth table logic of the
SP3220E/EB/EU driver and receiver outputs can
be found in Table 2.
Since receiver input is usually from a transmission
line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV.
This ensures that the receiver is virtually
immune to noisy transmission lines. Should an
input be left unconnected, a 5k
pulldown
resistor to ground will commit the output of the
receiver to a HIGH state.
CHARGE PUMP
The charge pump is a Sipex–patented design
(U.S. 5,306,954) and uses a unique approach
compared to older less–efficient designs. The
charge pump still requires four external
capacitors, but uses a four–phase voltage shifting
technique to attain symmetrical 5.5V power sup-
plies. The internal power supply consists of a
regulated dual charge pump that provides output
voltages 5.5V regardless of the input voltage (V
CC)
over the +3.0V to +5.5V range.
In most circumstances, decoupling the power
supply can be achieved adequately using a 0.1µF
bypass capacitor at C5 (refer to Figure 11).
In applications that are sensitive to power-
supply noise, decouple V
CC to ground with a ca-
pacitor of the same value as charge-pump capaci-
tor C1. Physically connect bypass capacitors as
close to the IC as possible.
The charge pumps operate in a discontinuous
mode using an internal oscillator. If the output
voltages are less than a magnitude of 5.5V, the
charge pumps are enabled; if the output voltages
exceed a magnitude of 5.5V, the charge pumps
are disabled. This oscillator controls the four
phases of the voltage shifting. A description of
each phase follows.
Phase 1
— V
SS charge storage — During this phase of the
clock cycle, the positive side of capacitors C
1 and
C
2 are initially charged to VCC. Cl
+
is then switched
to GND and the charge in C
1
–
is
transferred to C
2
–
. Since C
2
+
is connected to V
CC,
the voltage potential across capacitor C
2 is now 2
times V
CC.
Phase 2
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2 to
GND. This transfers a negative generated voltage
to
C
3.
This
generated
voltage
is
regulated to a minimum voltage of -5.5V.
Simultaneous with the transfer of the voltage to C
3,
the positive side of capacitor C
1 is switched to VCC
and the negative side is connected to GND.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –VCC in the negative
terminal of C
1, which is applied to the negative side
of capacitor C
2. Since C2
+
is at V
CC, the voltage
potential across C
2 is 2 times VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com