Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1024 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1024
Description  PDM Output with Pre-Amplifier for Electret Microphones
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1024 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV1024 Datasheet HTML 1Page - National Semiconductor (TI) LMV1024 Datasheet HTML 2Page - National Semiconductor (TI) LMV1024 Datasheet HTML 3Page - National Semiconductor (TI) LMV1024 Datasheet HTML 4Page - National Semiconductor (TI) LMV1024 Datasheet HTML 5Page - National Semiconductor (TI) LMV1024 Datasheet HTML 6Page - National Semiconductor (TI) LMV1024 Datasheet HTML 7Page - National Semiconductor (TI) LMV1024 Datasheet HTML 8Page - National Semiconductor (TI) LMV1024 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2500V
Machine Model
250V
Supply Voltage
V
DD - GND
3.3V
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 6)
150˚C max
Mounting Temperature
Infrared or Convection (20 sec.)
235˚C
Operating Ratings (Note 1)
Supply Voltage
1.6V to 3.0V
Input Clock Frequency
400 kHz to 2.4 MHz
Duty Cycle
40% to 60%
Operating Temperature Range
−40˚C to 85˚C
1.8V Electrical Characteristics (Note 3)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, VDD = 1.8V, VIN =18mVPP,fCLK = 1.2 MHz, Duty Cycle =
50% and 100 nF capacitor between V
REF and GND. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
SNR
Signal to Noise Ratio
f
IN = 1 kHz, A-Weighted
59
dB
e
N
Digital Noise Floor (Integrated)
f = 20 Hz to 10 kHz, A-Weighted, 4.7
pF Capacitor Connected from Input
to GND to Simulate ECM, No Signal
−89
dBFS(A)
THD
Total Harmonic Distortion
f
IN = 1 kHz, VIN =18mVPP
0.03
%
I
DD
Supply Current
V
IN = GND, CLK = ON, High
Impedance Load (Note 7)
518
µA
V
IN = GND, CLK = OFF
503
600
V
IL
CLOCK Input Logic Low Level
0.3
V
V
IH
CLOCK Input Logic High Level
1.5
V
V
OL
DATA Output Logic Low Level
0.1
V
V
OH
DATA Output Logic High Level
1.7
V
V
IN
Max Input Signal
f
IN = 1 kHz, THD < 1%
243
mV
PP
V
OUT
Max Output Signal
f
IN = 1 kHz, THD < 1%
−6.8
dBFS
PSRR
Power Supply Rejection Ratio
V
IN = GND, Test Signal on VDD =
217 Hz, 100 mV
PP
100
dB
t
A
Time from CLOCK Transition to
DATA Becoming High
Impedance (See also Figure 10,
Application Section)
LMV1024: On Rising Edge of the
CLOCK
65
ns
LMV1026: On Falling Edge of the
CLOCK
t
B
Time from CLOCK Transition to
DATA Becoming Valid (See also
Figure 10, Application Section)
LMV1024: On Falling Edge of the
CLOCK
90
ns
LMV1026: On Rising Edge of the
CLOCK
C
IN
Input Capacitance
2pF
R
IN
Input Impedance
1000
M
Ω
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com