Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1024 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1024
Description  PDM Output with Pre-Amplifier for Electret Microphones
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1024 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV1024 Datasheet HTML 1Page - National Semiconductor (TI) LMV1024 Datasheet HTML 2Page - National Semiconductor (TI) LMV1024 Datasheet HTML 3Page - National Semiconductor (TI) LMV1024 Datasheet HTML 4Page - National Semiconductor (TI) LMV1024 Datasheet HTML 5Page - National Semiconductor (TI) LMV1024 Datasheet HTML 6Page - National Semiconductor (TI) LMV1024 Datasheet HTML 7Page - National Semiconductor (TI) LMV1024 Datasheet HTML 8Page - National Semiconductor (TI) LMV1024 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Connection Diagram
Large Dome 6-Bump Ultra Thin micro SMD
20133427
Top View
Pin Description
Pin
Name
Description
Power Supply
A2
V
DD
Positive supply voltage
C1
GND
Ground
Input
C2
Input
The microphone is connected to this input pin.
Reference
B1
V
REF
A capacitor of 100 nF is connected between V
REF and ground. This capacitor is used to
filter the internal converter reference voltage.
Clock Input
A1
Clock
The user adjustable clock frequency ranges from 400 kHz to 2.4 MHz.
Data Output
B2
Data
Over sampled bitstream output. Data is valid if clock is LOW (LMV1024). The data of
the LMV1026 data is valid when clock is HIGH. When the data is not valid the data
output is Hi-Z. For exact specifications see application section.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
6-Bump Ultra Thin micro SMD
lead free only
LMV1024UR
IE
250 Units Tape and Reel
URA06GGA
LMV1024URX
3k Units Tape and Reel
LMV1026UR
IF
250 Units Tape and Reel
LMV1026URX
3k Units Tape and Reel
Block Diagram
20133426
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com