Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1024 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1024
Description  PDM Output with Pre-Amplifier for Electret Microphones
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1024 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMV1024 Datasheet HTML 9Page - National Semiconductor (TI) LMV1024 Datasheet HTML 10Page - National Semiconductor (TI) LMV1024 Datasheet HTML 11Page - National Semiconductor (TI) LMV1024 Datasheet HTML 12Page - National Semiconductor (TI) LMV1024 Datasheet HTML 13Page - National Semiconductor (TI) LMV1024 Datasheet HTML 14Page - National Semiconductor (TI) LMV1024 Datasheet HTML 15Page - National Semiconductor (TI) LMV1024 Datasheet HTML 16Page - National Semiconductor (TI) LMV1024 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Application Section (Continued)
To eliminate the noise above the band of interest a low pass
decimation filter is implemented in the baseband chip or
DSP. The resulting frequency spectrum contains only the
frequency components left within the band of interest. Figure
8 depicts the frequency spectrum after filtering.
STEREO OPERATION
The LMV1024 and the LMV1026 are designed to operate
together in a stereo solution with two microphones. One
microphone will have a LMV1024 built-in and the other will
have a LMV1026 built-in. These two microphones share the
same interface lines to minimize wiring (Figure 9).
Both microphones produce valid data in only one half of a
clock cycle to allow the two microphones to operate on the
same I/O lines (Data and Clock). To avoid overlap between
the drivers of the microphones, one microphone always
goes into a high impedance state before the second micro-
phone starts driving the data-line. The LMV1024 is positive
edge triggered while the LMV1026 is negative edge trig-
gered. The timing between the two microphones is shown in
Figure 10. For exact timing values, please see the Electrical
Characteristics table.
LAYOUT CONSIDERATIONS
To obtain the best possible performance from the micro-
phone, special care needs to be taken for the design of the
PCB. Especially the V
IN trace is very sensitive as it is con-
nected to the high impedance electret element. It is essential
to isolate and shield the V
IN trace as much as possible from
the digital signal traces (DATA and CLOCK). This needs to
be done to avoid any switching noise coupling directly into
the input of the IC. An example of a PCB layout is given in
Figure 11. The microphone PCB has two capacitors. One
capacitor (100 nF) is connected to the reference pin of the
LMV1024/LMV1026. The other capacitor (10 nF) is used as
decoupling for high frequencies on the supply. No capacitors
should be placed on the data output of the LMV1024/
LMV1026 since it will only load the output driver and would
degrade the performance. This is opposite to the regular
analog phantom biased microphones, where capacitors are
needed to improve RFI.
20133461
FIGURE 7. Frequency Spectrum
20133473
FIGURE 8. Frequency Spectrum after Filtering
20133425
FIGURE 9. Stereo Application
20133429
FIGURE 10. Timing
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com