Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1024 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1024
Description  PDM Output with Pre-Amplifier for Electret Microphones
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1024 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMV1024 Datasheet HTML 8Page - National Semiconductor (TI) LMV1024 Datasheet HTML 9Page - National Semiconductor (TI) LMV1024 Datasheet HTML 10Page - National Semiconductor (TI) LMV1024 Datasheet HTML 11Page - National Semiconductor (TI) LMV1024 Datasheet HTML 12Page - National Semiconductor (TI) LMV1024 Datasheet HTML 13Page - National Semiconductor (TI) LMV1024 Datasheet HTML 14Page - National Semiconductor (TI) LMV1024 Datasheet HTML 15Page - National Semiconductor (TI) LMV1024 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application Section (Continued)
A-WEIGHTED FILTER
The human ear has a frequency range from about 20 Hz to
20 kHz. Within this range the sensitivity of the human ear is
not equal for each frequency. In order to approach a natural
hearing response, weighting filters are introduced. One of
these filters is the A-weighted filter. The A-weighted filter is
commonly used in signal-to-noise ratio measurements,
where sound is compared to device noise. The filter im-
proves the correlation of the measured data to the signal-to-
noise ratio perceived by the human ear.
SENSITIVITY
Sensitivity is a measure for the transfer from the applied
acoustic signal to the output of the microphone. Conven-
tional JFET microphones and microphones with built-in gain
have a sensitivity that is expressed in dB(V/Pa), where 0dB
= 1V/Pa. A certain pressure on the electret of the micro-
phone gives a certain voltage at the output of the micro-
phone. Since the LMV1024 microphone has a digital output,
the sensitivity will be stated in dB(Full Scale/Pascal) or
dB(FS/Pa) as opposed to conventional microphones. This
section compares the various microphone types and their
sensitivity. Examples are given to calculate the resulting
output for a given sound pressure.
Sound Pressure Level
The volume of sound applied to a microphone is usually
stated as a sound pressure in dB SPL. This unity of dB SPL
refers to the threshold of hearing of the human ear. The
sound pressure in decibels is defined by:
SPL = 20 log (P
M/PO)
Where,
SPL is the Sound Pressure in dB SPL
P
M is the measured absolute sound pressure in Pa
P
O is the threshold of hearing (20 µPa)
In order to calculate the resulting output voltage of the
electret element for a given sound pressure in dB SPL, the
absolute sound pressure P
M must be known. This is the
absolute sound pressure in decibels referred to 1 Pa instead
of 20 µPa.
The absolute sound pressure P
M in dBPa is given by:
P
M = SPL (dB SPL) + PO (dBPa)
P
M = SPL + 20*log 20 µPa
P
M =SPL -94dB
JFET Microphone
Translation from the absolute sound pressure level to a
voltage can be done when the electrets sensitivity is known.
A typical electret element has a sensitivity of −44 dB(V/Pa).
This is also the typical sensitivity number for the JFET mi-
crophone, since a JFET usually has a gain of about 1x (0
dB). A block diagram of a microphone with a JFET is given in
Figure 5.
Example: Busy traffic has a Sound Pressure of 70 dB SPL.
Microphone Output = SPL +C+S
Where,
SPL is the Sound Pressure in dB SPL
C is the dB SPL to dBPa conversion (−94 dB)
S is the Sensitivity in dB(V/Pa)
Microphone Output = 70 – 94 – 44 = −68 dBV
This is equivalent to 1.13 mV
PP.
The analog output signal is so low that it can easily be
distorted by interference from outside the microphone. Addi-
tional gain is desirable to make the signal less sensitive to
interference.
20133440
FIGURE 4. A-weighted Filter
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com