Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1024 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1024
Description  PDM Output with Pre-Amplifier for Electret Microphones
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1024 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV1024 Datasheet HTML 9Page - National Semiconductor (TI) LMV1024 Datasheet HTML 10Page - National Semiconductor (TI) LMV1024 Datasheet HTML 11Page - National Semiconductor (TI) LMV1024 Datasheet HTML 12Page - National Semiconductor (TI) LMV1024 Datasheet HTML 13Page - National Semiconductor (TI) LMV1024 Datasheet HTML 14Page - National Semiconductor (TI) LMV1024 Datasheet HTML 15Page - National Semiconductor (TI) LMV1024 Datasheet HTML 16Page - National Semiconductor (TI) LMV1024 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Section (Continued)
Where,
P
REF is the reference power, which is defined as the maxi-
mum allowed input power (Full Scale). P
INPUT is the applied
power on the input pin and “A” is the gain of the pre-amplifier
in decibels.
Written into voltages, the equation is:
(2)
Or in decibels:
Digital Output (dBFS) = Input (dBV) - Reference (dB) + A
Where,
Input = 20 Log V
INPUT (VRMS)
Ref = 20 Log V
REF (VRMS)
A is the Gain (dB)
For the LMV1024/LMV1026 the reference voltage V
REF is
1.5V
P (1.06 VRMS) and the Gain A is 15.7 dB. These param-
eters are fixed inside the device. Knowing this, Equation (2)
can be simplified:
Digital Output (dBFS) = V
INPUT (dBV) - 0.5 + 15.7
Digital Output (dBFS) = V
INPUT (dBV) + 15.2
The sensitivity of the digital microphone is the sensitivity of a
conventional microphone plus the input to output transfer of
the LMV1024. The sensitivity of a typical digital microphone
is therefore: −44 + 15.2 = −28.8 dB(FS/Pa).
Digital Output = SP +C+S
Where,
SP is the Sound Pressure in dB SPL
C is the dB SPL to dBPa conversion (−94 dB)
S is the Sensitivity in dB(V/Pa)
Taking the example of busy traffic (70 dB SPL) again results
in the following digital output (dBFS):
Digital Output (dBFS) = SP -C+S
Digital Output (dBFS) = 70 - 94 - 28.8 = −52.8 dBFS
ANALOG-TO-DIGITAL CONVERTER
The ADC used in the LMV1024/LMV1026 is an one bit sigma
delta converter with a Pulse Density Modulated output signal
(PDM). The output of this ADC can be either High (one) or
Low (zero). Assume that the LMV1024/LMV1026 input is at
the minimum level. In that case the DATA output will produce
almost only “zeros”. When the input increases, the amount of
“ones” increases too. At mid-point, where the input is 0V, the
number of “zeros” will equal the number of “ones”. At the
time that the input approaches the maximum level, the DATA
output produces a majority of “ones”. Figure 6 shows the
resulting DATA output as function of the input.
An important characteristic of the sigma delta converter is
that the noise is shifted out of the band to frequencies above
the band of interest. The band that can be used (Audio
Bandwidth) relates directly the applied clock frequency.
Table 1 shows the relation between the Clock Frequency
and a couple of common Audio Bandwidths.
TABLE 1. Audio Bandwidth vs. Clock Frequency
Clock Frequency
Audio Bandwidth
408 kHz
3.4 kHz
960 kHz
8 kHz
1.2 MHz
10 kHz
1.92 MHz
16 kHz
2.4 MHz
20 kHz
The high corner of the band of interest (knee) is determined
by the clock frequency divided by 2 times the OSR. The
factor of two comes from the Nyquist theorem. The over
sampling ratio (OSR) of this particular ADC is chosen at 60.
This sets the high corner of the band at the clock frequency
divided by 120. For instance when a bandwidth of 10 kHz is
desired, the clock frequency needs to be 1.2 MHz or higher.
Figure 7 depicts the noise shaping effect in a frequency
spectrum plot, where a 1 kHz signal is applied.
20133472
FIGURE 6. DATA Output versus Input Amplitude
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com