Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1024 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1024
Description  PDM Output with Pre-Amplifier for Electret Microphones
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1024 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV1024 Datasheet HTML 1Page - National Semiconductor (TI) LMV1024 Datasheet HTML 2Page - National Semiconductor (TI) LMV1024 Datasheet HTML 3Page - National Semiconductor (TI) LMV1024 Datasheet HTML 4Page - National Semiconductor (TI) LMV1024 Datasheet HTML 5Page - National Semiconductor (TI) LMV1024 Datasheet HTML 6Page - National Semiconductor (TI) LMV1024 Datasheet HTML 7Page - National Semiconductor (TI) LMV1024 Datasheet HTML 8Page - National Semiconductor (TI) LMV1024 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2.7V Electrical Characteristics (Note 3)
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, VDD = 2.7V, VIN =18mVPP,fCLK = 1.2 MHz, Duty Cycle =
50% and 100 nF capacitor between V
REF and GND. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
SNR
Signal to Noise Ratio
f
IN = 1 kHz, A-Weighted
59
dB
e
n
Digital Noise Floor (Integrated)
f = 20 Hz to 10 kHz, A-Weighted, 4.7
pF Capacitor Connected from Input
to GND to Simulate ECM, No Signal
−89
dBFS(A)
THD
Total Harmonic Distortion
f
IN = 1 kHz, VIN =18mVPP
0.03
%
I
DD
Supply Current
V
IN = GND, CLK = ON, High
Impedance Load (Note 7)
535
µA
V
IN = GND, CLK = OFF
519
650
V
LOW
CLOCK Logic Low Level
0.3
V
V
HIGH
CLOCK Logic High Level
2.4
V
V
OL
DATA Output Logic Low Level
0.1
V
V
OH
DATA Output Logic High Level
2.6
V
V
IN
Max Input Signal
f
IN = 1 kHz, THD < 1%
249
mV
PP
V
OUT
Max Output Signal
f
IN = 1 kHz, THD < 1%
−6.6
dBFS
PSRR
Power Supply Rejection Ratio
V
IN = GND, Test Signal on VDD =
217 Hz, 100 mV
PP
100
dB
t
A
Time from CLOCK Transition to
DATA Becoming High
Impedance (See also Figure 10,
Application Section)
LMV1024: On Rising Edge of the
CLOCK
65
ns
LMV1026: On Falling Edge of the
CLOCK
t
B
Time from CLOCK Transition to
DATA Becoming Valid (See also
Figure 10, Application Section)
LMV1024: On Falling Edge of the
CLOCK
90
ns
LMV1026: On Rising Edge of the
CLOCK
C
IN
Input Capacitance
2pF
R
IN
Input Impedance
1000
M
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: The Human Body Model (HBM) is 1.5 k
Ω in series with 100 pF. The Machine Model is 0Ω in series with 200 pF.
Note 3: Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of
the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
Note 4: All limits are guaranteed by design or statistical analysis.
Note 5: Typical values represent the most likely parametric norm.
Note 6: The maximum power dissipation is a function of TJ(MAX) , θJA and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 7: The Supply Current depends on the applied Clock Frequency and the load on the DATA output.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com