Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1024 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1024
Description  PDM Output with Pre-Amplifier for Electret Microphones
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1024 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV1024 Datasheet HTML 7Page - National Semiconductor (TI) LMV1024 Datasheet HTML 8Page - National Semiconductor (TI) LMV1024 Datasheet HTML 9Page - National Semiconductor (TI) LMV1024 Datasheet HTML 10Page - National Semiconductor (TI) LMV1024 Datasheet HTML 11Page - National Semiconductor (TI) LMV1024 Datasheet HTML 12Page - National Semiconductor (TI) LMV1024 Datasheet HTML 13Page - National Semiconductor (TI) LMV1024 Datasheet HTML 14Page - National Semiconductor (TI) LMV1024 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Section
The LMV1024/LMV1026 consist of a pre-amplifier and sigma
delta converter for placement inside an electret condenser
microphone (ECM). The output of the LMV1024/LMV1026 is
a robust digital serial bit stream eliminating the sensitive
low-level analog signals of conventional JFET microphones.
This application section describes, among others, a typical
application, a sensitivity comparison between different ECM
types, stereo operation and layout recommendations on the
ECM PCBs.
TYPICAL APPLICATION
Figure 1 depicts a typical application, where the LMV1024 or
LMV1026 is built inside the ECM canister. This ECM can be
directly connected to a DSP in a digital audio system, like a
baseband chip in a cell phone. Connecting is easy because
of the digital LMV1024/LMV1026 interface. A digital filter in
the DSP or Baseband decimates the audio signal.
BUILT-IN PRE-AMPLIFIER / ADC
The LMV1024/LMV1026 are offered in a space saving small
6-bump micro SMD package in order to fit inside small ECM
canisters. The LMV1024 or LMV1026 IC is placed on the
PCB. This PCB forms the bottom of the microphone, which is
placed in the cell phone.
Figure 3 depicts a cross section of a microphone with the IC
inside the ECM canister. The PCB of the microphone has 4
pads that connects V
DD, Ground, DATA and the CLOCK.
20133424
FIGURE 1. Typical Application
20133443
FIGURE 2. Built-in Pre-Amplifier / ADC
20133474
FIGURE 3. Cross section of a Microphone
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com