Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804 Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 29Page - Microchip Technology LAN8804 Datasheet HTML 30Page - Microchip Technology LAN8804 Datasheet HTML 31Page - Microchip Technology LAN8804 Datasheet HTML 32Page - Microchip Technology LAN8804 Datasheet HTML 33Page - Microchip Technology LAN8804 Datasheet HTML 34Page - Microchip Technology LAN8804 Datasheet HTML 35Page - Microchip Technology LAN8804 Datasheet HTML 36Page - Microchip Technology LAN8804 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 33
The auto-negotiation link-up process is shown in Figure 5-1.
For 1000BASE-T mode, auto-negotiation is required and always used to establish a link. During 1000BASE-T auto-
negotiation, the master and slave configuration is first resolved between link partners. Then the link is established with
the highest common capabilities between link partners.
Auto-negotiation is enabled by default after power-up or hardware reset. After that, auto-negotiation can be enabled or
disabled through the Basic Control register, bit[12]. If auto-negotiation is disabled, the speed is set by the Basic Control
register, bits[6, 13] and the duplex is set by the Basic Control register, bit[8].
If the speed is changed on the fly, the link goes down and either auto-negotiation and parallel detection initiate until a
common speed between the device and its link partner is re-established for a link.
If the link is already established and there is no change of speed on the fly, the changes (for example, duplex and pause
capabilities) will not take effect unless either auto-negotiation is restarted through the Basic Control register, bit[9], or a
link-down to link-up transition occurs (that is, disconnecting and reconnecting the cable).
After auto-negotiation is completed, the link status is updated in the Basic Status register, bit[2], and the link partner
capabilities are updated in Registers 5h, 6h, 8h, and Ah.
The auto-negotiation finite state machines use interval timers to manage the auto-negotiation process. The duration of
these timers under normal operating conditions is summarized in Table 5-2.
FIGURE 5-1:
AUTO-NEGOTIATION FLOW CHART
START AUTO-NEGOTIATION
FORCE LINK SETTING
LISTEN FOR 10BASE-T
LINK PULSES
LISTEN FOR 100BASE-TX
IDLES
ATTEMPT AUTO-
NEGOTIATION
LINK MODE SET
BYPASS AUTO-NEGOTIATION
AND SET LINK MODE
LINK MODE SET?
PARALLEL
OPERATION
NO
YES
YES
NO
JOIN FLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com