Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804 Datasheet(PDF) 71 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 71 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 67Page - Microchip Technology LAN8804 Datasheet HTML 68Page - Microchip Technology LAN8804 Datasheet HTML 69Page - Microchip Technology LAN8804 Datasheet HTML 70Page - Microchip Technology LAN8804 Datasheet HTML 71Page - Microchip Technology LAN8804 Datasheet HTML 72Page - Microchip Technology LAN8804 Datasheet HTML 73Page - Microchip Technology LAN8804 Datasheet HTML 74Page - Microchip Technology LAN8804 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 71
3.3V/2.5V/1.8V
Variable I/O
(
VDDIO)
VDDIO = 1.8V
Rise/Fall =
10 µs
1.62
1.8
1.98
0.815
0.997
1.167
0.453
0.802
1.164
VDDIO = 1.8V
Rise/Fall =
10 ms
1.454
1.47
1.491
1.218
1.231
1.262
0.212
0.238
0.243
VDDIO = 2.5V
Rise/Fall =
10 µs
2.02
2.17
2.67
0.8
0.986
1.159
0.88
1.183
1.81
VDDIO = 2.5V
Rise/Fall =
10 ms
1.454
1.47
1.491
1.216
1.23
1.261
0.213
0.240
0.245
VDDIO =3.3V
Rise/Fall =
10 µs
2.15
2.34
3.0
0.645
0.973
1.152
1.0
1.373
2.16
VDDIO =3.3V
Rise/Fall =
10 ms
1.455
1.47
1.491
1.215
1.228
1.26
0.214
0.242
0.247
TABLE 6-14: POR THRESHOLDS (CONTINUED)
POR
Conditions
Rising Threshold
(Volts)
Falling Threshold
(Volts)
Hysteresis
(Millivolts)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com