Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804 Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 55Page - Microchip Technology LAN8804 Datasheet HTML 56Page - Microchip Technology LAN8804 Datasheet HTML 57Page - Microchip Technology LAN8804 Datasheet HTML 58Page - Microchip Technology LAN8804 Datasheet HTML 59Page - Microchip Technology LAN8804 Datasheet HTML 60Page - Microchip Technology LAN8804 Datasheet HTML 61Page - Microchip Technology LAN8804 Datasheet HTML 62Page - Microchip Technology LAN8804 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 59
6.3
Power Consumption
This section details the power consumption of the device as measured during various modes of operation at various
operating voltages. Power dissipation is impacted by temperature, supply voltage and external source/sink require-
ments. All minimum measurements were taken at +25C unless otherwise noted. All worst-case measurements were
taken at +5% power supply and +125C junction temperature.
Power consumption data is split into the following tables:
• Minimum Four Port Operation
- Minimum Four Port (1.16V, 3.3V, 3.3V) Power Consumption
- Minimum Four Port (1.16V, 2.5V, 2.5V) Power Consumption
- Minimum Four Port (1.16V, 2.5V, 1.8V) Power Consumption
• Worst-Case Four Port Operation
- Worst-Case Four Port (1.27V, 3.465V, 3.465V) Power Consumption
- Worst-Case Four Port (1.27V, 2.625V, 2.625V) Power Consumption
- Worst-Case Four Port (1.27V, 2.625V, 1.89V) Power Consumption
Note 6-3
1.1V Total includes: VDDCORE, VDDAL_PLL, VDDAL_SERDES, VDDTXL_SERDES, VDDAL_CK125
Note 6-4
VDDAH Total includes: VDDAH, VDDAH_SERDES, VDDAH_PLL_PTP, VDDAH_ABPVT, VDD33REF,
VDDAH_Px
Note 6-5
VDDIO Total includes: VDDIO, VDDIO_1
6.3.1
MINIMUM FOUR PORT OPERATION
All measurements were taken at +25C unless otherwise noted.
TABLE 6-1:
MINIMUM FOUR PORT (1.16V, 3.3V, 3.3V) POWER CONSUMPTION
Device Conditions
1.16V
Total (mA)
(Note 6-3)
3.3V VDDAH
Total (mA)
(Note 6-4)
3.3V VDDIO
Total (mA)
(Note 6-5)
Total Device
Power (mW)
4 ports + QSGMII, 1000BASE-T Master link-up,
No traffic
737
520
8.3
2597
4 ports + QSGMII, 1000BASE-T Slave link-up,
no traffic
738
520
8.4
2600
4 ports + QSGMII, 100BASE-TX link-up,
no traffic
251
267
11.8
1211
4 ports + QSGMII, 10BASE-T link-up,
no traffic
111
239
19.1
979
4 ports + QSGMII, 10BASE-Te link-up,
no traffic
106
239
19.1
973
4 ports + QSGMII, 1000BASE-T Master full-duplex,
100% utilization
765
519
5.1
2616
4 ports + QSGMII, 1000BASE-T Slave full-duplex,
100% utilization
765
519
4.9
2617
4 ports + QSGMII, 100BASE-TX full-duplex,
100% utilization
251
276
6.7
1222
4 ports + QSGMII, 10BASE-T full-duplex,
100% utilization
106
268
10.6
1042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com