Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804 Datasheet(PDF) 17 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 17 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 13Page - Microchip Technology LAN8804 Datasheet HTML 14Page - Microchip Technology LAN8804 Datasheet HTML 15Page - Microchip Technology LAN8804 Datasheet HTML 16Page - Microchip Technology LAN8804 Datasheet HTML 17Page - Microchip Technology LAN8804 Datasheet HTML 18Page - Microchip Technology LAN8804 Datasheet HTML 19Page - Microchip Technology LAN8804 Datasheet HTML 20Page - Microchip Technology LAN8804 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 17
General Purpose
I/O
GPIO[23:0]
VIS/VO12/
VOD12/
SRL
(PU)
General purpose I/O.
These I/Os are shared with various other functions. Buffer type
and alternate function selection is configured via GPIO regis-
ters.
System Reset
RESET_N
VIS
(PU)
Chip reset (active low).
At power-up, RESET_N must not be deasserted until all power
and clocks have been stable for the specified minimum dura-
tion.
Hardware pin configurations are strapped-in at the de-asser-
tion (rising edge) of RESET_N. See the Configuration Strap
Input Pins section for details.
Port 0 LED 1
PORT0LED1
VO12/
VOD12/
VOS12
Programmable Port 0 LED 1 output.
The polarity of this pin depends on the
PORT0_LED1_POL
configuration strap which is shared with this pin.
Port 0 LED 2
PORT0LED2
VO12/
VOD12/
VOS12
Programmable Port 0 LED 2 output.
The polarity of this pin depends on the
PORT0_LED2_POL
configuration strap which is shared with this pin.
Port 1 LED 1
PORT1LED1
VO12/
VOD12/
VOS12
Programmable Port 1 LED 1 output.
The polarity of this pin depends on the
PORT1_LED1_POL
configuration strap which is shared with this pin.
Port 1 LED 2
PORT1LED2
VO12/
VOD12/
VOS12
Programmable Port 1 LED 2 output.
The polarity of this pin depends on the
PORT1_LED2_POL
configuration strap which is shared with this pin.
Port 2 LED 1
PORT2LED1
VO12/
VOD12/
VOS12
Programmable Port 2 LED 1 output.
The polarity of this pin depends on the
PORT2_LED1_POL
configuration strap which is shared with this pin.
TABLE 3-5:
MISCELLANEOUS PINS (CONTINUED)
Name
Symbol
Buffer
Type
Description
Symbol
Buffer Type
Description
VIS/
VO12/
VOD12
(PU)
SRL
(PU)
GPIO[0:2]
X
with internal 50 ohm termination
GPIO[3:6]
X
GPIO[7:10]
X
with internal 50 ohm termination
GPIO[11:14]
X
GPIO[15:16]
X
with internal 50 ohm termination
GPIO[17:20]
X
GPIO[21]
X
with internal 50 ohm termination
GPIO[22]
X
GPIO[23]
X
with internal 50 ohm termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com