Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804 Datasheet(PDF) 67 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 67 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 63Page - Microchip Technology LAN8804 Datasheet HTML 64Page - Microchip Technology LAN8804 Datasheet HTML 65Page - Microchip Technology LAN8804 Datasheet HTML 66Page - Microchip Technology LAN8804 Datasheet HTML 67Page - Microchip Technology LAN8804 Datasheet HTML 68Page - Microchip Technology LAN8804 Datasheet HTML 69Page - Microchip Technology LAN8804 Datasheet HTML 70Page - Microchip Technology LAN8804 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 67
TABLE 6-9:
VARIABLE I/O DC ELECTRICAL CHARACTERISTICS VDDIO = 3.3V/2.5V/1.8V
Parameter
Symbol
Min
Typ
1.8
Typ
2.5
Typ
3.3
Max
Units
Notes
VIS Type Input Buffer
Low Input Level
High Input Level
Schmitt Falling Trip Point
Schmitt Rising Trip Point
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = P_VSS or VDDIO)
Input Capacitance
(generic guess)
Effective Pull-Up Resistance
(VIN = P_VSS)
Effective Pull-Down
Resistance
(VIN = VDDIO)
VIL
VIH
VT-
VT+
VHYS
IIH
CIN
RPU
RPD
—
0.63x
VDDIO
0.67
0.8
109.9
-10
—
58.9
58.7
—
—
0.8
0.94
149
—
—
70
70
—
—
1.1
1.25
148
—
—
—
—
—
—
1.46
1.62
164
—
—
—
—
0.39x
VDDIO
1.68
1.85
219.4
10
3
83.7
84.5
V
V
V
V
mV
µA
pF
kΩ
kΩ
Note 6-8
VO12 Type Buffer
Low Output Level
High Output Level
Output Tri-State Leakage
VOL
VOH
IOZ
—
VDDIO-0.4
-10
—
—
—
0.4
—
10
V
V
µA
IOL = -12 mA
IOH = 12 mA
Note 6-8
VOD12 Type Buffer
Low Output Level
Output Tri-State Leakage
VOL
IOZ
—
-10
—
—
0.4
10
V
µA
IOL = -12 mA
Note 6-8
VOS12 Type Buffer
High Output Level
Output Tri-State Leakage
VOH
IOZ
VDDIO-0.4
-10
—
—
—
10
V
µA
IOH = 12 mA
Note 6-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com