Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804 Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN8804
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804 Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN8804 Datasheet HTML 36Page - Microchip Technology LAN8804 Datasheet HTML 37Page - Microchip Technology LAN8804 Datasheet HTML 38Page - Microchip Technology LAN8804 Datasheet HTML 39Page - Microchip Technology LAN8804 Datasheet HTML 40Page - Microchip Technology LAN8804 Datasheet HTML 41Page - Microchip Technology LAN8804 Datasheet HTML 42Page - Microchip Technology LAN8804 Datasheet HTML 43Page - Microchip Technology LAN8804 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
LAN8804
DS00003591G-page 40
© 2024 Microchip Technology Inc. and its subsidiaries
5.11.4
OPEN ALLIANCE TC1/TC12 DCQ SIGNAL QUALITY INDEX
This section defines the implementation of section 6.1.2 of the TC1 and TC12 specifications. This mode builds upon the
OPEN Alliance TC1/TC12 DCQ Mean Square Error method by mapping the MSE value onto a simple quality index. This
mode is enabled by setting the sqi_enable bit, in the DCQ Configuration register.
The MSE value is compared to the thresholds set in the DCQ SQI Table Registers to provide an SQI value between 0
(worst value) and 7 (best value) as follows:
In order to capture the SQI value, the DCQ Read Capture bit in the DCQ Configuration register needs to be written as
a high with the desired cable pair specified in the DCQ Channel Number field of the same register. The DCQ Read Cap-
ture bit will immediately self-clear and the result will be available in the DCQ SQI register.
In addition to the current SQI, the worst case (lowest) SQI since the last read is available in the SQI Worst Case field.
The correlation between the SQI values stored in the DCQ SQI register and an according Signal to Noise Ratio (SNR)
based on Additive White Gaussian (AWG) noise (bandwidth of 80 MHz @ 100 Mbps / 550 MHz @ 1000 Mbps) is shown
in Table 5-4 and Table 5-5. The bit error rates to be expected in the case of white noise as interference signal is shown
in the table as well for information purposes.
Note:
All registers references in this section are in Extended Page 1.
Note:
As in the OPEN Alliance TC1/TC12 DCQ Mean Square Error method, the sqi_squ_mode_en bit in the DCQ
Configuration register must be set to choose square mode.
Note:
As above in the OPEN Alliance TC1/TC12 DCQ Mean Square Error method, the scale611 field in the DCQ
Configuration register is used to set the divide by factor (divide by 2^scale611) such that the MSE value is
linearly scaled to the range of 0 to 511.
TABLE 5-3:
MSE TO SQI MAPPING
MSE Value
SQI Value
Greater Than
Less Than or Equal To
—
SQI_TBL7.SQI_VALUE
7
SQI_TBL7.SQI_VALUE
SQI_TBL6.SQI_VALUE
6
SQI_TBL6.SQI_VALUE
SQI_TBL5.SQI_VALUE
5
SQI_TBL5.SQI_VALUE
SQI_TBL4.SQI_VALUE
4
SQI_TBL4.SQI_VALUE
SQI_TBL3.SQI_VALUE
3
SQI_TBL3.SQI_VALUE
SQI_TBL2.SQI_VALUE
2
SQI_TBL2.SQI_VALUE
SQI_TBL1.SQI_VALUE
1
SQI_TBL1.SQI_VALUE
—
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com