Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPLDCL Datasheet(PDF) 3 Page - Cree LED

Part # XPLDCL
Description  XLamp® XP-L Color LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPLDCL Datasheet(HTML) 3 Page - Cree LED

  XPLDCL Datasheet HTML 1Page - Cree LED XPLDCL Datasheet HTML 2Page - Cree LED XPLDCL Datasheet HTML 3Page - Cree LED XPLDCL Datasheet HTML 4Page - Cree LED XPLDCL Datasheet HTML 5Page - Cree LED XPLDCL Datasheet HTML 6Page - Cree LED XPLDCL Datasheet HTML 7Page - Cree LED XPLDCL Datasheet HTML 8Page - Cree LED XPLDCL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
XLAMP® XP-L COLOR LED
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, and XLamp® are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS340
REV 0
3
XLAMP® XP-L COLOR LED
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, and XLamp® are
registered trademarks of Cree LED.
CLD-DS340
REV 0
3
Notes:
•
XLamp XP-L Color LED order codes specify only a minimum flux bin and not a maximum. Cree LED may ship reels in flux bins higher than the minimum
specified by the order code without advance notice. Shipments will always adhere to the chromaticity or DWL bin restrictions specified by the order
code.
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±1 nm on dominant
wavelength measurements. See the Measurements section (page 15).
•
Flux and chromaticity are measured with each LED die connected to independent drive circuits at 700 mA. The flux and chromaticity of each LED die
within the XLamp XP-L Color LED package are measured individually.
FLUX CHARACTERISTICS (T
J = 25 °C)
The following tables provide several base order codes for XP-L High Density Color LEDs. For a complete description of the order code
nomenclature, please refer to the Bin and Order Code Formats section (page 13).
High Density
Color
CCT / Dominant Wavelength
Range
Minimum Luminous
Flux @ 700 mA
Typical
Luminous
Flux @
700 mA
Order Code
Minimum
Maximum
Group
Flux (l(m)
Flux (l(m)
Color +
Cool White
Red
620 nm
630 nm
C6
95
145
XPLDCL-00-0000-0000HC6AAAE2
Green
520 nm
535 nm
145
185
Blue
450 nm
465 nm
20
35
Cool White
5400 K
6000 K
140
205
Color +
Neutral White
Red
620 nm
630 nm
C6
95
145
XPLDCL-00-0000-0000HC6AAAE5
Green
520 nm
535 nm
145
185
Blue
450 nm
465 nm
20
35
Neutral White
3700 K
4300 K
140
195
Color +
Warm White
Red
620 nm
630 nm
C6
95
145
XPLDCL-00-0000-0000HC6AAAE7
Green
520 nm
535 nm
145
185
Blue
450 nm
465 nm
20
35
Warm White
2700 K
3300 K
140
185



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com