Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPLDCL Datasheet(PDF) 14 Page - Cree LED

Part # XPLDCL
Description  XLamp® XP-L Color LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPLDCL Datasheet(HTML) 14 Page - Cree LED

Back Button XPLDCL Datasheet HTML 10Page - Cree LED XPLDCL Datasheet HTML 11Page - Cree LED XPLDCL Datasheet HTML 12Page - Cree LED XPLDCL Datasheet HTML 13Page - Cree LED XPLDCL Datasheet HTML 14Page - Cree LED XPLDCL Datasheet HTML 15Page - Cree LED XPLDCL Datasheet HTML 16Page - Cree LED XPLDCL Datasheet HTML 17Page - Cree LED XPLDCL Datasheet HTML 18Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
XLAMP® XP-L COLOR LED
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, and XLamp® are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS340
REV 0
14
REFLOW SOLDERING CHARACTERISTICS
In testing, Cree LED has found XLamp XP-L Color LEDs to be compatible with JEDEC J-STD-020C, using the parameters listed below.
As a general guideline, Cree LED recommends that users follow the recommended soldering profile provided by the manufacturer of the
solder paste used, and therefore it is the lamp or luminaire manufacturer’s responsibility to determine applicable soldering requirements.
Note that this general guideline may not apply to all PCB designs and configurations of reflow soldering equipment.
Profile Feature
Lead-Free Solder
Average Ramp-Up Rate (Ts
max to Tp)
1.2 °C/second
Preheat: Temperature Min (Ts
min)
120 °C
Preheat: Temperature Max (Ts
max)
170 °C
Preheat: Time (ts
min to tsmax)
65-150 seconds
Time Maintained Above: Temperature (T
L)
217 °C
Time Maintained Above: Time (t
L)
45-90 seconds
Peak/Classification Temperature (Tp)
235 - 245 °C
Time Within 5 °C of Actual Peak Temperature (tp)
20-40 seconds
Ramp-Down Rate
1 - 6 °C/second
Time 25 °C to Peak Temperature
4 minutes max.
Note: All temperatures refer to the topside of the package, measured on the package body surface.
T
P
T
L
Time
t 25˚C to Peak
Preheat
ts
t
L
t
P
25
Ramp-down
Ramp-up
Critical Zone
T
L to TP
Ts
max
Ts
min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com