Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPLDCL Datasheet(PDF) 12 Page - Cree LED

Part # XPLDCL
Description  XLamp® XP-L Color LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPLDCL Datasheet(HTML) 12 Page - Cree LED

Back Button XPLDCL Datasheet HTML 8Page - Cree LED XPLDCL Datasheet HTML 9Page - Cree LED XPLDCL Datasheet HTML 10Page - Cree LED XPLDCL Datasheet HTML 11Page - Cree LED XPLDCL Datasheet HTML 12Page - Cree LED XPLDCL Datasheet HTML 13Page - Cree LED XPLDCL Datasheet HTML 14Page - Cree LED XPLDCL Datasheet HTML 15Page - Cree LED XPLDCL Datasheet HTML 16Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
XLAMP® XP-L COLOR LED
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, and XLamp® are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS340
REV 0
12
COOL WHITE KITS PLOTTED ON ANSI STANDARD CHROMATICITY REGIONS
WARM AND NEUTRAL WHITE KITS PLOTTED ON ANSI STANDARD CHROMATICITY REGIONS
5000K
5700K
6500K
8000K
2A
2B
2C
2D
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
CCx
ANSI
C78.377A
E2
2700 K
3000 K
3500 K
4000 K
4500 K
5000 K
5A
5B
5C
5D
7A
7B
7C
7D
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
CCx
E5
E7
ANSI
C78.377A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com