Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPLDCL Datasheet(PDF) 1 Page - Cree LED

Part # XPLDCL
Description  XLamp® XP-L Color LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPLDCL Datasheet(HTML) 1 Page - Cree LED

  XPLDCL Datasheet HTML 1Page - Cree LED XPLDCL Datasheet HTML 2Page - Cree LED XPLDCL Datasheet HTML 3Page - Cree LED XPLDCL Datasheet HTML 4Page - Cree LED XPLDCL Datasheet HTML 5Page - Cree LED XPLDCL Datasheet HTML 6Page - Cree LED XPLDCL Datasheet HTML 7Page - Cree LED XPLDCL Datasheet HTML 8Page - Cree LED XPLDCL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, and XLamp® are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS340
REV 0
1
XLamp® XP-L Color LEDs
XP-L High Density Color
XP-L High Intensity Color
PRODUCT DESCRIPTION
XLamp® XP-L Color LEDs are multi-color
RGBW LEDs that deliver the combination
of high lumen output and great color
mixing in a small 3.45 x 3.45 mm package.
The XLamp XP-L Color LEDs feature the
smallest possible distance between LED
die, creating a small optical source for
excellent optical control and efficient color
mixing.
XLamp XP-L Color LEDs are optimized
for all high-performance RGBW lighting
applications, including color-changing,
stage, architectural and entertainment.
The XP-L Color LED offers high-density and
high-intensity options. In this document,
the term XP-L Color denotes the XP-L
Color LED without regard to high density or
high intensity. The terms High Density and
High Intensity are used when necessary to
differentiate the performance of the two
options.
FEATURES
• Available in red, green, blue and white in
a single package
• Maximum drive current per LED die: 1 A
• Individually addressable LEDs
• Reflow solderable – JEDEC J-STD-020
• Electrically neutral thermal path
• RoHS and REACH compliant
• UL® recognized component (E349212)
TABLE OF CONTENTS
Characteristics - Complete Package ............ 2
Characteristics - Per LED Die......................... 2
Flux Characteristics ....................................... 3
Relative Spectral Power Distribution ............ 5
Relative Flux vs Junction Temperature......... 6
Electrical Characteristics............................... 6
Relative Flux vs. Current ................................ 7
Typical Spatial Distribution............................ 7
Bin and Order Code Formats......................... 8
Performance Groups – Luminous Flux......... 9
Performance Groups – Dominant
Wavelength................................................... 10
Performance Groups – Chromaticity.......... 10
3-Step Bins Plotted on the 1931 CIE Color
Space ............................................................ 11
Cool White Kits Plotted on ANSI Standard
Chromaticity Regions .................................. 12
Warm and Neutral White Kits Plotted on
ANSI Standard Chromaticity Regions......... 12
Performance Groups - Chromaticity Bins... 13
Reflow Soldering Characteristics................ 14
Notes ............................................................ 15
Mechanical Dimensions .............................. 16
Tape and Reel............................................... 19
Packaging..................................................... 22


Similar Part No. - XPLDCL

ManufacturerPart #DatasheetDescription
logo
Cree LED
XPL CREELED-XPL Datasheet
3Mb / 43P
XLamp® XP-L LEDs
XPL2 CREELED-XPL2 Datasheet
2Mb / 34P
XLamp® XP-L2 LEDs
logo
Coilcraft lnc.
XPL2010 COILCRAFT-XPL2010 Datasheet
169Kb / 2P
Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
159Kb / 2P
Shielded Power Inductors
XPL2010 COILCRAFT-XPL2010 Datasheet
100Kb / 1P
Designer’s Kits
More results

Similar Description - XPLDCL

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XMLCTW-A0-0000-00C3AAAA1 CREE-XMLCTW-A0-0000-00C3AAAA1 Datasheet
1Mb / 12P
XLamp XM-L Color LEDs
Rev 2A
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com