Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPLDCL Datasheet(PDF) 13 Page - Cree LED

Part # XPLDCL
Description  XLamp® XP-L Color LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPLDCL Datasheet(HTML) 13 Page - Cree LED

Back Button XPLDCL Datasheet HTML 9Page - Cree LED XPLDCL Datasheet HTML 10Page - Cree LED XPLDCL Datasheet HTML 11Page - Cree LED XPLDCL Datasheet HTML 12Page - Cree LED XPLDCL Datasheet HTML 13Page - Cree LED XPLDCL Datasheet HTML 14Page - Cree LED XPLDCL Datasheet HTML 15Page - Cree LED XPLDCL Datasheet HTML 16Page - Cree LED XPLDCL Datasheet HTML 17Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
XLAMP® XP-L COLOR LED
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, and XLamp® are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS340
REV 0
13
PERFORMANCE GROUPS - CHROMATICITY BINS
The following table lists standard kit numbers and chromaticity bins. Kit numbers completely describe an order code’s color or chromaticity
bins and luminous flux range. For other flux and chromaticity combinations, contact Cree LED or an authorized distributor,
Color
CCT
Kit
Number
Chromaticity Bins
Cool
White
5700 K
AAAE2
2A, 2B, 2C, 2D
Neutral
White
4000 K
AAAE5
5A, 5B, 5C, 5D, 40G
AAA5G
40G
Warm
White
3000 K
AAAE7
7A, 7B, 7C, 7D, 30G
AAA7G
30G
For other flux and chromaticity combinations, contact Cree LED or an authorized distributor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com