Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPLDCL Datasheet(PDF) 2 Page - Cree LED

Part # XPLDCL
Description  XLamp® XP-L Color LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPLDCL Datasheet(HTML) 2 Page - Cree LED

  XPLDCL Datasheet HTML 1Page - Cree LED XPLDCL Datasheet HTML 2Page - Cree LED XPLDCL Datasheet HTML 3Page - Cree LED XPLDCL Datasheet HTML 4Page - Cree LED XPLDCL Datasheet HTML 5Page - Cree LED XPLDCL Datasheet HTML 6Page - Cree LED XPLDCL Datasheet HTML 7Page - Cree LED XPLDCL Datasheet HTML 8Page - Cree LED XPLDCL Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
XLAMP® XP-L COLOR LED
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, and XLamp® are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS340
REV 0
2
CHARACTERISTICS - COMPLETE PACKAGE
The following table lists the product characteristics for the XLamp XP-L Color LED package, measured with all LED dies on simultaneously
and each LED die connected to independent drive circuits at 700 mA.
Characteristics
Unit
Minimum
Typical
Maximum
Thermal resistance, junction to solder point
°C/W
1.4
Viewing angle (FWHM) - High Density
degrees (°)
110
Viewing angle (FWHM) - High Intensity
degrees (°)
120
ESD withstand voltage (HBM per Mil-Std-883D)
Class 3B
LED junction temperature
°C
150
CHARACTERISTICS - PER LED DIE
The following table lists the product characteristics for each LED die within the XLamp XP-L Color LED package.
Characteristics
Unit
Minimum
Typical
Maximum
Temperature coefficient of voltage - red
mV/°C
-1.7
Temperature coefficient of voltage - green
mV/°C
-1.1
Temperature coefficient of voltage - blue, white
mV/°C
-1.1
DC forward current - red, green, blue, white
mA
1000
Forward voltage (@ 700 mA, 25 °C) - red
V
2.7
3.2
Forward voltage (@ 700 mA, 25 °C) - green
V
3.4
3.7
Forward voltage (@ 700 mA, 25 °C) - blue, white
V
3.3
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com