Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPLDCL Datasheet(PDF) 10 Page - Cree LED

Part # XPLDCL
Description  XLamp® XP-L Color LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPLDCL Datasheet(HTML) 10 Page - Cree LED

Back Button XPLDCL Datasheet HTML 6Page - Cree LED XPLDCL Datasheet HTML 7Page - Cree LED XPLDCL Datasheet HTML 8Page - Cree LED XPLDCL Datasheet HTML 9Page - Cree LED XPLDCL Datasheet HTML 10Page - Cree LED XPLDCL Datasheet HTML 11Page - Cree LED XPLDCL Datasheet HTML 12Page - Cree LED XPLDCL Datasheet HTML 13Page - Cree LED XPLDCL Datasheet HTML 14Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
XLAMP® XP-L COLOR LED
© 2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, the Cree LED logo, and XLamp® are
registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS340
REV 0
10
PERFORMANCE GROUPS – DOMINANT WAVELENGTH
The red, green and blue LED dies in the XLamp XP-L Color LED are tested individually for dominant wavelength (DWL) and sorted into one
of the DWL bins defined below.
Color
DWL Group
Minimum DWL
@ 700 mA
Maximum DWL
@ 700 mA
Red
A
620
630
Green
2
520
525
3
525
530
4
530
535
Blue
K
450
455
L
455
460
M
460
465
PERFORMANCE GROUPS – CHROMATICITY (I
F = 700 mA PER LED DIE)
The white LED die in the XLamp XP-L Color LED is individually tested for chromaticity at 700 mA and placed into one of the regions defined
by the bounding coordinates shown below.
Region
x
y
Region
x
y
Region
x
y
Region
x
y
2A
0.3215
0.3350
2B
0.3207
0.3462
2C
0.3290
0.3538
2D
0.3290
0.3417
0.3290
0.3417
0.3290
0.3538
0.3376
0.3616
0.3371
0.3490
0.3290
0.3300
0.3290
0.3417
0.3371
0.3490
0.3366
0.3369
0.3222
0.3243
0.3215
0.3350
0.3290
0.3417
0.3290
0.3300
5A
.3670
.3578
5B
.3702
.3722
5C
.3825
.3798
5D
.3783
.3646
.3702
.3722
.3736
.3874
.3869
.3958
.3825
.3798
.3825
.3798
.3869
.3958
.4006
.4044
.3950
.3875
.3783
.3646
.3825
.3798
.3950
.3875
.3898
.3716
7A
.4147
.3814
7B
.4221
.3984
7C
.4342
.4028
7D
.4259
.3853
.4221
.3984
.4299
.4165
.4430
.4212
.4342
.4028
.4342
.4028
.4430
.4212
.4562
.4260
.4465
.4071
.4259
.3853
.4342
.4028
.4465
.4071
.4373
.3893
Color Temperatures – 3-Step Ellipse
Bin Code
CCT
Center Point
Major Axis
Minor Axis
Rotation Angle
(°)
x
y
a
b
40G
4000 K
0.3818
0.3797
0.00939
0.00402
53.7
30G
3000 K
0.4338
0.4030
0.00834
0.00408
53.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com