Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501-2/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16501-2/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Data Sheet
ADIS16501
SPECIFICATIONS
analog.com
Rev. B | 3 of 45
Ambient temperature (TA) = 25°C, VDD = 3.3 V, angular rate = 0°/sec, and dynamic range = ±500°/sec. 1 g is the acceleration due to gravity
and defined as 9.798245 m/sec2.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GYROSCOPES
Dynamic Range
±500
°/sec
Sensitivity
16-bit data format
40
LSB/°/sec
32-bit data format
2,621,440
LSB/°/sec
Error over Temperature
−40°C ≤ TA ≤ +85°C, 1σ
±0.5
%
Misalignment Error
Axis to axis, −40°C ≤ TA ≤ +85°C, 1 σ
±0.25
Degrees
Nonlinearity1
FS = 500°/sec
0.25
% FSR
Bias
Repeatability2
−40°C ≤ TA ≤ +85°C, 1 σ, x-axis and z-axis
0.14
°/sec
−40°C ≤ TA ≤ +85°C, 1 σ, y-axis
1.4
°/sec
In-Run Bias Stability
1 σ
2.7
°/hr
Angular Random Walk
X-axis and y-axis, 1 σ
0.15
°/√hr
Z-axis, 1 σ
0.2
°/√hr
Error over Temperature
−40°C ≤ TA ≤ +85°C, 1 σ, x-axis and z-axis
±0.3
°/sec
−40°C ≤ TA ≤ +85°C, 1 σ, y-axis
±0.7
°/sec
Linear Acceleration Effect
X-axis and y-axis, 1 σ
9.5
°/hr/g
Z-axis, 1 σ
2.3
°/hr/g
Vibration Rectified Error (VRE)
Random vibration, 2 g rms, 50 Hz to 2 kHz
X-axis and y-axis, 1 σ
0.001
°/sec/g2
Z-axis, 1 σ
0.0004
°/sec/g2
Output Noise
No filtering, 1 σ, 25°C
X-axis, y-axis
0.082
°/sec rms
Z-axis
0.116
°/sec rms
Rate Noise Density
Frequency = 10 Hz to 40 Hz
0.181
X-axis and y-axis
0.0043
°/sec/√Hz rms
Z-axis
0.0034
°/sec/√Hz rms
3 dB Bandwidth
X-axis and y-axis
480
Hz
Z-axis
590
Hz
Sensor Resonant Frequency
X-axis, y-axis
66
kHz
Z-axis
78
kHz
ACCELEROMETERS3
Each axis
Dynamic Range
±14
g
Sensitivity
32-bit data format
52,428,800
LSB/g
Error over Temperature
−40°C ≤ TA ≤ +85°C, 1 σ
±0.07
%
Repeatability2
−40°C ≤ TA ≤ +85°C, 1 σ
±0.1
%
Misalignment Error
Axis to axis, −40°C ≤ TA ≤ +85°C, 1 σ
±0.05
Degrees
Nonlinearity
Best fit straight line, ±2 g
0.25
% FSR
Best fit straight line, ±14 g
0.5
% FSR
Bias
Repeatability2
−40°C ≤ TA ≤ +85°C, 1 σ
6.0
mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com