Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501-2/PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16501-2/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
Data Sheet
ADIS16501
SPECIFICATIONS
analog.com
Rev. B | 5 of 45
1 This measurement is based on the deviation from a best fit linear model.
2 Bias repeatability provides an estimate for long-term drift in the bias, as observed during 500 hours of high temperature operating life (HTOL) at 105°C.
3 All specifications associated with the accelerometers relate to the full-scale range of ±14 g, unless otherwise noted.
4 The digital input/output signals use a 3.3 V system.
5 Endurance is qualified as per JEDEC Standard 22, Method A117, measured at −40°C, +25°C, +85°C, and +125°C.
6 The data retention specification assumes a junction temperature (TJ) of 85°C per JEDEC Standard 22, Method A117. Data retention lifetime decreases with TJ.
7 These times do not include thermal settling and internal filter response times, which may affect overall accuracy.
8 The RST line must be in a low state for at least 10 μs to ensure a proper reset initiation and recovery.
9 Power supply current transients can reach 100 mA during initial startup or reset recovery.
TIMING SPECIFICATIONS
TA = 25°C and VDD = 3.3 V, unless otherwise noted.
Table 2.
Parameter
Description
Normal Mode
Burst Read Mode
Unit
Min
Typ
Max
Min
Typ
Max
fSCLK
Serial clock
0.1
10
0.1
1.1
MHz
tSTALL
Stall period between data
16
N/A1
µs
tREADRATE
Read rate
24
µs
tCS
Chip select to SCLK edge
200
200
ns
tDAV
DOUT valid after SCLK edge
25
25
ns
tDSU
DIN setup time before SCLK rising edge
25
25
ns
tDHD
DIN hold time after SCLK rising edge
50
50
ns
tSCLKR, tSCLKF
SCLK rise/fall times
5
12.5
5
12.5
ns
tDR, tDF
DOUT rise/fall times
5
12.5
5
12.5
ns
tSFS
CS high after SCLK edge
0
0
ns
t1
Input sync positive pulse width, direct sync mode, MSC_CTRL, Bits[3:2] =
01 (binary, see Table 107)
5
5
µs
tSTDR
Input sync to data ready valid transition, no SPI traffic, direct sync mode,
MSC_CTRL, Bits[3:2] = 01 (binary, see Table 107)
305
305
µs
Input sync to data ready valid transition, full SPI traffic2, direct sync mode,
MSC_CTRL, Bits[3:2] = 01 (binary, see Table 107)
405
405
µs
tNV
Data invalid time
23
23
µs
t2
Input sync period
500
500
µs
1 N/A means not applicable.
2 Full SPI traffic is defined as a transfer of 64 16-bit registers using an SCLK frequency of 2 MHz. Reading the sensor values from the previous data sample proportionally
increases the tSTDR on the current cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com