Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501-2/PCBZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 28Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 29Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 30Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 31Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 32Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 33Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 34Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 32 of 45
DELTA ANGLES
In addition to the angular rate of rotation (gyroscope) measure-
ments around each axis (x, y, and z), the ADIS16501 also provides
delta angle measurements that represent a calculation of angular
displacement between each sample update.
Figure 52. Delta Angle Axis and Polarity Assignments
The delta angle outputs represent an integration of the gyroscope
measurements and use the following formula for all three axes
(x-axis displayed):
Δθx,nD= 12×fS ×∑d=0D−1ωX,nD+d+ωX,nD+d−1
where:
D is the decimation rate (DEC_RATE + 1, see Table 111).
fS is the sample rate.
d is the incremental variable in the summation formula.
ωX is the x-axis rate of rotation (gyroscope).
n is the sample time, prior to the decimation filter.
When using the internal sample clock, fS is equal to a nominal rate
of 2000 SPS. For better precision in this measurement, measure
the internal sample rate (fS) using the data ready signal on the DR
pin (DEC_RATE = 0x0000, see Table 110), divide each delta angle
result (from the delta angle output registers) by the data ready
frequency, and multiply it by 2000. Each axis of the delta angle
measurements has two output data registers. Figure 53 shows how
these two registers combine to support a 32-bit, twos complement
data format for the x-axis delta angle measurements. This format
also applies to the y- and z-axes.
Figure 53. Delta Angle Output Data Structure
Delta Angle Measurement Range
Table 49 shows the measurement range and scale factor for the
ADIS16501.
Table 49. Delta Angle Measurement Range and Scale Factor
Model
Measurement Range, ±ΔθMAX (°)
ADIS16501
±720
X-Axis Delta Angle (X_DELTANG_LOW and
X_DELTANG_OUT)
Table 50. X_DELTANG_LOW Register Definitions
Addresses
Default
Access
Flash Backup
0x24, 0x25
Not applicable
R
No
Table 51. X_DELTANG_LOW Bit Definitions
Bits
Description
[15:0]
X-axis delta angle data, low word
Table 52. X_DELTANG_OUT Register Definitions
Addresses
Default
Access
Flash Backup
0x26, 0x27
Not applicable
R
No
Table 53. X_DELTANG_OUT Bit Definitions
Bits
Description
[15:0]
X-axis delta angle data, twos complement, 0° = 0x0000, 1 LSB =
ΔθMAX/215 (see Table 49 for ±ΔθMAX)
The X_DELTANG_LOW (see Table 50 and Table 51) and X_DEL-
TANG_OUT (see Table 52 and Table 53) registers contain the delta
angle data for the x-axis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com