Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501-2/PCBZ Datasheet(PDF) 43 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 41Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 42Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 43Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 44Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
Data Sheet
ADIS16501
APPLICATIONS INFORMATION
analog.com
Rev. B | 43 of 45
for all key process attributes (for example, peak temperatures, dwell
times, and ramp rates).
POWER SUPPLY CONSIDERATIONS
The ADIS16501 contains 6 µF of decoupling capacitance across
the VDD and GND pins. When the VDD voltage rises from 0 V
to 3.3 V, the charging current for this capacitor bank imposes the
following current profile (in amperes):
IDDt =CdVDDdt=6×10−6×dVDDtdt
where:
IDD(t) is the current demand on the VDD pin during the initial power
supply ramp, with respect to time.
C is the internal capacitance across the VDD and GND pins (6 µF).
VDD(t) is the voltage on the VDD pin, with respect to time.
For example, if VDD follows a linear ramp from 0 V to 3.3 V,
in 66 µs, the charging current is 300 mA for that timeframe.
The ADIS16501 also contains embedded processing functions that
present transient current demands during initialization or reset
recovery operations. During these processes, the peak current
demand reaches 250 mA and occurs at a time that is approximately
40 ms after VDD reaches 3.0 V (or ~40 ms after initiating a reset
sequence).
EVALUATION TOOLS
Breakout Boards
The ADIS16501 has a breakout board that provides a simple way to
connect an ADIS16501 model and an existing embedded processor
platform. Table 134 shows the model number for the breakout
board. Figure 63 shows the ADIS16505-2 board that is identical to
the ADIS16501 board.
Figure 63. ADIS16501 Breakout Board (ADIS16505-2 Shown)
Table 134. Breakout Board Models
Breakout Board Model
ADIS16501 Model
Table 134. Breakout Board Models (Continued)
Breakout Board Model
ADIS16501 Model
ADIS16501/PCBZ
ADIS16501
The electrical interface (J1) on each breakout board comes from
a dual row, 2 mm pitch, 16-pin interface, which supports stand-
ard ribbon cabling (1 mm pitch). Table 135 provides the J1 pin
assignments, which support direct connection with an embedded
processor board using standard ribbon cables. Although each case
may present its own set of sensitivities (such as electromagnetic
interference (EMI)), these boards can typically support reliable
communication over ribbon cables up to 20 cm in length.
Table 135. J1 Pin Assignments, Breakout Board
J1 Pin Number
Signal
Function
1
RST
Reset
2
SCLK
SPI
3
CS
SPI
4
DOUT
SPI
5
NC
No connect
6
DIN
SPI
7
GND
Ground
8
GND
Ground
9
GND
Ground
10
VDD
Power, 3.3 V
11
VDD
Power, 3.3 V
12
VDD
Power, 3.3 V
13
DR
Data ready
14
SYNC
Input clock
15
NC
No connect
16
NC
No connect
Figure 64 provides a top view of the breakout board, including
dimensional locations for all the key mechanical features, such as
the mounting holes and the 16-pin header. Figure 65 provides an
electrical schematic for this breakout board. For additional informa-
tion, refer to the ADIS1650x-x/PCBZ Breakout Board Wiki Guide.
PC-Based Evaluation, EVAL-ADIS2
In addition to supporting quick prototype connections between
the ADIS16501 and an embedded processing system, J1 on the
breakout boards also connects directly to J1 on the EVAL-ADIS2
evaluation system. When used with the IMU Evaluation Software
for the EVAL-ADISX Platforms, the EVAL-ADIS2 provides a simple,
functional test platform that allows users to configure and collect
data from the ADIS16501 IMUs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com