Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501-2/PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 35Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 36Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 37Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 38Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 39Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 40Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 41Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 42Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Data Sheet
ADIS16501
USER REGISTER DEFINITIONS
analog.com
Rev. B | 39 of 45
Data Update Rate in External Sync Modes
When using the input sync option in scaled sync mode (Regis-
ter MSC_CTRL, Bits[3:2] = 10, see Table 107), the output data rate
is equal to
fSYNC×KECSF/DEC_RATE+1
where:
fSYNC is the frequency of the clock signal on the SYNC pin.
KESCF is the value from the UP_SCALE register (see Table 109).
When using direct sync mode, KESCF = 1.
The NULL_CNFG register, Bits[3:0] establish the total average time
(tA) for the bias estimates, and the NULL_CNFG register, Bits[13:8]
provide the on/off controls for each sensor. The factory default
configuration for the NULL_CNFG register enables the bias null
command for the gyroscopes, disables the bias null command for
the accelerometers, and sets the average time to ~32 sec.
Global Commands (GLOB_CMD)
Table 112. GLOB_CMD Register Definition
Addresses
Default
Access
Flash Backup
0x68, 0x69
Not applicable
W
No
Table 113. GLOB_CMD Bit Definitions
Bits
Description
[15:8]
Reserved
7
Software reset
[6:5]
Reserved
4
Flash memory test
3
Flash memory update
2
Sensor self test
1
Factory calibration restore
0
Reserved
The GLOB_CMD register (see Table 112 and Table 113) provides
trigger bits for several operations. Write a 1 to the appropriate bit
in GLOB_CMD to start a particular function. During the execution of
these commands, data production stops, pulsing stops on the DR
pin, and the SPI does not respond to requests. Table 1 provides the
execution time for each GLOB_CMD command.
Software Reset
Use the following DIN sequence to set Register GLOB_CMD, Bit
7 = 1, which triggers a reset: 0xE880, then 0xE900. This reset
clears all data, and then restarts data sampling and processing.
This function provides a firmware alternative to toggling the RST pin
(see Table 5, Pin F3).
Flash Memory Test
Use the following DIN sequence to set Register GLOB_CMD,
Bit 4 = 1, which tests the flash memory: 0xE810, then 0xE900.
The command performs a CRC computation on the flash memory
(excluding user register locations) and compares it to the original
CRC value, which comes from the factory configuration process.
If the current CRC value does not match the original CRC value,
Register DIAG_STAT, Bit 6 (see Table 12) rises to 1, indicating a
failing result.
Flash Memory Update
Use the following DIN sequence to set Register GLOB_CMD, Bit
3 = 1, which triggers a backup of all user configurable registers in
the flash memory: 0xE808, then 0xE900. The DIAG_STAT register,
Bit 2 (see Table 12) identifies success (0) or failure (1) in complet-
ing this process.
Sensor Self Test
Use the following DIN sequence to set Register GLOB_CMD, Bit
2 = 1, which triggers the self test routine for the inertial sensors:
0xE804, then 0xE900. The self test routine uses the following steps
to validate the integrity of each inertial sensor:
1. Measure the output on each sensor.
2. Activate an internal stimulus on the mechanical elements of
each sensor to move them in a predictable manner and create
an observable response in the sensors.
3. Measure the output response on each sensor.
4. Deactivate the internal stimulus on each sensor.
5. Calculate the difference between the sensor measurements
from Step 1 (stimulus is off) and from Step 4 (stimulus is on).
6. Compare the difference with internal pass and fail criteria.
7. Report the pass and fail result to Register DIAG_STAT, Bit 5
(see Table 12).
Motion during the execution of this test can indicate a false failure.
Factory Calibration Restore
Use the following DIN sequence to set Register GLOB_CMD,
Bit 1 = 1, to restore the factory default settings for the
MSC_ CTRL, DEC_RATE, and FILT_CTRL registers and to
clear all user configurable bias correction settings: 0xE802,
then 0xE900. Executing this command results in writing 0x0000
to the following registers: XG_BIAS_LOW, XG_BIAS_HIGH,
YG_BIAS_LOW, YG_BIAS_HIGH, ZG_BIAS_LOW, ZG_BIAS_
HIGH, XA_BIAS_LOW, XA_BIAS_HIGH, YA_BIAS_LOW,
YA_BIAS_HIGH, ZA_BIAS_LOW, and ZA_BIAS_HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com