Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501-2/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Data Sheet
ADIS16501
THEORY OF OPERATION
analog.com
Rev. B | 21 of 45
Table 6. Generic SPI Main Pin Names and Functions (Continued)
Mnemonic
Function
SCLK
Serial clock
MOSI
Main output, subordinate input
MISO
Main input, subordinate output
IRQ
Interrupt request
Embedded processors typically configure their serial ports for com-
municating with SPI subordinate devices such as the ADIS16501
by using control registers on the processor itself. Table 7 lists the
SPI protocol settings for the ADIS16501.
Table 7. Generic Main Processor SPI Settings
Processor Setting
Description
Main
ADIS16501 operates as subordinate
SCLK ≤ 10 MHz1
Maximum serial clock rate
SPI Mode 3
CPOL = 1 (polarity), CPHA = 1 (phase)
MSB First Mode
Bit sequence, see Figure 40 for coding
16-Bit Mode
Shift register and data length
1 A burst mode read requires this value to be ≤1.1 MHz (see Table 2 for more
information).
DATA READY (DR)
The factory default configuration provides users with a DR signal on
the DR pin (see Table 5), which pulses when the output data reg-
isters are updating. Connect the DR pin to an input pin on the em-
bedded processor and configure this pin to trigger data collection
on the second edge of the pulse on the DR pin. The MSC_CTRL
register, Bit 0 (see Table 107) controls the polarity of this signal.
Figure 35 shows a DR signal with Register MSC_CTRL, Bit 0 = 1,
meaning that data collection must start on the rising edges of the
DR pulses.
Figure 35. Data Ready when Register MSC_CTRL, Bit 0 = 1 (Default)
During the start-up and reset recovery processes, the DR signal
can exhibit some transient behavior before data production begins.
Figure 36 shows an example of the DR behavior during startup,
and Figure 37 and Figure 38 provide examples of the DR behavior
during recovery from reset commands.
Figure 36. Data Ready Response During Startup
Figure 37. Data Ready Response During Reset Recovery (Register
GLOB_CMD, Bit 7 = 1)
Figure 38. Data Ready Response During Reset (RST = 0) Recovery
READING SENSOR DATA
Reading a single register requires two 16-bit cycles on the SPI:
one to request the contents of a register and another to receive
those contents. The 16-bit command code (see Figure 40) for a
read request on the SPI has three parts: the read bit (R/W = 0),
either address of the register, [A6:A0], and eight don’t care bits,
[DC7:DC0]. Figure 39 shows an example that includes two register
reads in succession. This example starts with DIN = 0x0C00 to
request the contents of the Z_GYRO_LOW register and follows with
0x0E00 to request the contents of the Z_GYRO_OUT register. The
sequence in Figure 39 also shows full duplex mode of operation,
which means that the ADIS16501 can receive requests on DIN
while also transmitting data out on DOUT within the same 16-bit
SPI cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com