Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16501-2/PCBZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADIS16501-2/PCBZ
Description  Precision, MEMS IMU
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16501-2/PCBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIS16501-2/PCBZ Datasheet HTML 12Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 13Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 14Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 15Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 16Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16501-2/PCBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Data Sheet
ADIS16501
TERMINOLOGY
analog.com
Rev. B | 16 of 45
Nonlinearity
Nonlinearity is the maximum deviation of any sensor data point
(ΩMEAS(Ωn) or ACCMEAS(gn)) from the least squares linear fit of the
sensor data at an equivalent applied angular rate or acceleration.
Nonlinearity is mathematically expressed as
Gyroscope = ΩMEAS(Ωn) – ΩCALC(Ωn)
Acceleration = ACCMEAS(gn) – ACCCALC(gn)
where:
ΩMEAS is the measured angular rate at Ωn.
ΩCALC is the linear fit calculation of the angular rate at Ωn.
ACCMEAS is the measured acceleration at gn.
ACCCALC is the linear fit calculation of acceleration at gn.
For testing across a range of ±125°/sec (gyroscope) or ±2.5 g
(accelerometer), apply the following input stimulus profile:
Ωn = −125°/sec + (n × 2.5)
where n = 0, 1, …, 100.
gn = −2.5 g + (n × 0.05)
where n = 0, 1, …, 100.
For testing across a range of ±500°/sec (gyroscope) or ±14 g
(accelerometer), apply the following input stimulus profile:
Ωn = −500°/sec + (n × 5)
where n = 0, 1, …, 200.
gn = −14 g + (n × 0.2)
where n = 0, 1, …, 100.
Figure 27. Nonlinearity Characteristic
Microlinearity
Microlinearity is the maximum deviation of the gradient between
two neighboring sensor data points as compared to the scale factor
calculated from the least squares linear fit of the sensor data.
Microlinearity is mathematically expressed as
Gyroscope= ΩMEASΩn+1−ΩMEASΩn
ΩSTEP×Sensitivity
×100%
Acceleration= ACCMEASgn+1+ACCMEASgn
gSTEP×Sensitivity
−1
×100%
where:
ΩMEAS is the measured angular rate at a defined Ωn.
ACCMEAS is the measured acceleration at a defined gn.
For testing across a range of ±125°/sec (gyroscope) or ±2.5 g
(accelerometer), apply the following input stimulus profile:
ΩSTEP = 5°/sec
gSTEP = 100 mg
Ωn = −125°/sec + (n × ΩSTEP)
where n = 0, 1, …, 50.
gn = −2.5 g + (n × gSTEP)
where n = 0, 1, …, 50.
For testing across a range of ±500°/sec (gyroscope) or ±14 g
(accelerometer), apply the following input stimulus profile:
ΩSTEP = 10°/sec
gSTEP = 250 mg
Ωn = −500°/sec + (n × ΩSTEP)
where n = 0, 1, …, 99.
gn = −14 g + (n × gSTEP)
where n = 0, 1, …, 95.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com