Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L202 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 43Page - NXP Semiconductors SC28L202 Datasheet HTML 44Page - NXP Semiconductors SC28L202 Datasheet HTML 45Page - NXP Semiconductors SC28L202 Datasheet HTML 46Page - NXP Semiconductors SC28L202 Datasheet HTML 47Page - NXP Semiconductors SC28L202 Datasheet HTML 48Page - NXP Semiconductors SC28L202 Datasheet HTML 49Page - NXP Semiconductors SC28L202 Datasheet HTML 50Page - NXP Semiconductors SC28L202 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
41
The following registers are unique for each Channel
Mode Register
MRn A
MRn B
R/W
Status Register
SR A
SR B
R only
Clock
Select
CSR A
CSR B
W only
Command
Register
CR A
CR B
W only
Receiver
FIFO
RxFIFO A
RxFIFO B
R only
Transmitter
FIFO
TxFIFO A
TxFIFO B
W only
These registers support functions for both Channels
Input Port Change Register
IPCR
R
Auxiliary Control Register
ACR
W
Interrupt Status Register
ISR
R
Interrupt Mask Register
IMR
W
Counter Timer Upper Value
CTPU
R
Counter Timer Lower Value
CTPL
R
Counter Timer Preset Upper
CTPU
W
Counter Timer Preset Lower
CTPL
W
Input Port Register
IPR
R
Output Configuration Register
OPCR
W
Set Output Port
Bits
W
Reset Output Port
Bits
W
Table 8. Baud Rate Generator Characteristics
Crystal or Clock = 14.7456 MHz
NORMAL RATE
(BAUD)
ACTUAL 16X
CLOCK (KHz)
ERROR (%)
NORMAL RATE
(BAUD)
ACTUAL 16X
CLOCK (KHz)
ERROR (%)
50
0.8
0
2400
38.4
0
75
1.2
0
4800
76.8
0
110
1.759
–0.069
7200
115.2
0
134.5
2.153
0.059
9600
153.6
0
150
2.4
0
19.2K
307.2
0
200
3.2
0
38.4K
614.4
0
300
4.8
0
14.4K
230.4
0
600
9.6
0
28.8K
460.8
0
1050
16.756
–0.260
31.25
500.0
1.6
1200
19.2
0
57.6k
921.6
0
1800
28.8
0
115.2K
1843.2
0
2000
32.056
0.175
230.4K
3686.4
0
NOTE: Duty cycle of 16X clock is 50%
± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com