Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L202 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 28Page - NXP Semiconductors SC28L202 Datasheet HTML 29Page - NXP Semiconductors SC28L202 Datasheet HTML 30Page - NXP Semiconductors SC28L202 Datasheet HTML 31Page - NXP Semiconductors SC28L202 Datasheet HTML 32Page - NXP Semiconductors SC28L202 Datasheet HTML 33Page - NXP Semiconductors SC28L202 Datasheet HTML 34Page - NXP Semiconductors SC28L202 Datasheet HTML 35Page - NXP Semiconductors SC28L202 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
26
RxCSR – Receiver Clock Select Register A and B
TxCSR Transmitter Clock Select Register A and B
Both registers consist of single 6–bit field that selects the clock source for the receiver and transmitter respectively. During a read the unused
bits in this register read b’000. The “BRG” baud rates (fixed BRG rates) shown in the table below are based on the Sclk crystal frequency of
14.7456 MHz. The baud rates shown below will vary as the Sclk crystal clock varies. For example, if the Sclk rate is changed to 7.3728 MHz all
the rates below will reduce by 1/2.
Bit 7
Bit 6
Bits 5:0
Reserved
Reserved
Transmitter/Receiver Clock select code,
See Clock Multiplex Table below
Rx and Tx Clock Select Table
NOTE: Sclk maximum rate is 50 MHz. Data clock rates will follow exactly the ratio of the X1/Sclk to 14.7654 MHz
Tx A Clock Select Code
Clock selection, Sclk = 14.7456 MHz
Tx A Clock Select Code
Clock selection, Sclk = 14.7456 MHz
00 0000
BRG – 50
01 0000
BRG – 75
00 0001
BRG – 110
01 0001
BRG – 150
00 0010
BRG – 134.5
01 0010
BRG – 450
00 0011
BRG – 200
01 0011
BRG – 1800
00 0100
BRG – 300
01 0100
BRG – 2000
00 0101
BRG – 600
01 0101
BRG – 14.4K
00 0110
BRG – 1200
01 0110
BRG – 19.2K
00 0111
BRG – 1050
01 0111
BRG – 28.8K
00 1000
BRG – 2400
01 1000
BRG – 57.6K
00 1001
BRG – 4800
01 1001
BRG – 115.2K
00 1010
BRG – 7200
01 1010
BRG – 230.4K
00 1011
BRG – 9600
01 1011
BRG – 460.8K
00 1100
BRG – 38.4K
01 1100
BRG – 921.6K
00 1101
Timer 0
01 1101
Timer 1
00 1110
I/O3 A transmitter – 16x External *
01 1110
PBRG 0
00 1111
I/O3 A transmitter – 1x External *
01 1111
Midi rate 31.25 KHz 1.66% error
Tx A Clock Select Code
Clock selection, Sclk = 14.7456 MHz
Tx A Clock Select Code
Clock selection, Sclk = 14.7456 MHz
11 0000 to 11 1101
Reserved
11 1110
PBRG 1
11 1111
Reserved
This field selects the baud rate clock for the Channel A transmitter.
* External clock Pin and external clock mode assignment.
Tx/Rx CSR x [5:0]
RxC Channel A
TxC Channel B
RxC channel B
001110
I/O4 A 16x
I/O5 A 16x
I/O6 A 16x
001111
I/O4 A 1X
I/O5 A 1X
I/O6 A 1X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com