Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L202 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 30Page - NXP Semiconductors SC28L202 Datasheet HTML 31Page - NXP Semiconductors SC28L202 Datasheet HTML 32Page - NXP Semiconductors SC28L202 Datasheet HTML 33Page - NXP Semiconductors SC28L202 Datasheet HTML 34Page - NXP Semiconductors SC28L202 Datasheet HTML 35Page - NXP Semiconductors SC28L202 Datasheet HTML 36Page - NXP Semiconductors SC28L202 Datasheet HTML 37Page - NXP Semiconductors SC28L202 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
28
• 10111 Host Xoff (or transmitter pause) command (CRTXoff). This
command allows tight host CPU control of the flow control of the
channel transmitter. When interrupted for receipt of a Xoff
character by the receiver, the host may stop transmission of
further characters by the channel transmitter by issuing the Host
Xoff command. Any character that has been transferred to the
TxD shift register will complete its transmission, including the stop
bit before the transmitter pauses. Even though the transmitter is
paused it is still able to send Xon/Xoff by the request of its
associated receiver.
• 11000 Cancel Host transmit flow control command. Issuing this
command will cancel a previous command to transmit a flow
control character if the flow control character is not yet loaded into
the TxD Shift Register. If there is no character waiting for
transmission or if its transmission has already begun, then this
command has no effect and the character will be sent.
• 11001 Reserved
• 11010 Reserved
• 11011 Reset Address Recognition Status. This command clears
the interrupt status that was set when an address character was
recognized by a disabled receiver operating in the special mode.
• 11100 Reserved
• 11101 Block error status accumulates on FIFO read (Default
State)
• 11110 Reset to “C92” Register Set
• 11111 Reserved for channel B, for channel A: executes a chip
wide reset. Executing this command in channel a is equivalent to
a hardware reset with the RESET(N) pin. Executing in channel B
has no effect.
COMMAND REGISTER EXTENSION TABLE A and B
Commands 0x0F, 0x0F, 0xFF (marked with * ) are global and exist only in channel A’s register space.
Channel
Command
Code
Channel
Command
Channel
Command Code
Channel
Command
CR[4:0]
Description
CR[4:0]
Description
0 0000
NOP
1 0000
Transmit Xon
0 0001
Set MR pointer to 1
1 0001
Transmit Xoff
0 0010
Reset Receiver
1 0010
Start C/T
0 0011
Reset Transmitter
1 0011
Stop C/T
0 0100
Reset Error Status
1 0100
Reserved
0 0101
Reset Break Change Interrupt
1 0101
Reserved
0 0110
Begin Transmit Break
1 0110
Transmitter Resume Command (CRXoffRe)
0 0111
End Transmit Break
1 0111
Host Xoff Command (CRTXoff)
0 1000
Assert RTSN (I/O0 B or I/O1 B)
1 1000
Cancel Transmit X Char Command (CRTX)
0 1001
Negate RTSN (I/O0 B or I/O1 B)
1 1001
Reserved
0 1010
Set C/T Receiver time–out mode on
1 1010
Reserved
0 1011
Set MR pointer to 0
1 1011
Reset Address Recognition Status
0 1100
Set C/T Receiver time–out mode off
1 1100
Reserved
0 1101
Block Error Status on RxFIFO load
1 1101
Block Error Status on RxFIFO Read
0 1110
• Power Down Mode On
1 1110
Reserved
0 1111
• Disable Power Down Mode
1 1111
• Reset Device as a Hardware reset. Reserved in channel B*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com