Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L202 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 18Page - NXP Semiconductors SC28L202 Datasheet HTML 19Page - NXP Semiconductors SC28L202 Datasheet HTML 20Page - NXP Semiconductors SC28L202 Datasheet HTML 21Page - NXP Semiconductors SC28L202 Datasheet HTML 22Page - NXP Semiconductors SC28L202 Datasheet HTML 23Page - NXP Semiconductors SC28L202 Datasheet HTML 24Page - NXP Semiconductors SC28L202 Datasheet HTML 25Page - NXP Semiconductors SC28L202 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
16
Interrupt Arbitration and IRQN generation
Interrupt arbitration is the process used to determine that an
interrupt request should be presented to the host. The arbitration is
carried out between the ”Interrupt Threshold” and the ”sources”
whose interrupt bidding is enabled by the IMR. The interrupt
threshold is part of the ICR (Interrupt Control Register) and is a
value programmed by the user. The ”sources” present a value to the
interrupt arbiter. That value is derived from four fields: the channel
number, type of interrupts source, FIFO fill level, and a
programmable value. The interrupt request (IRQN) will be asserted
only when one or more of these values exceeds the threshold value
in the interrupt control register will.
Following assertion of the IRQN the host will either assert IACKN
(Interrupt Acknowledge) or will use the command to ”Update the
CIR”. At the time either action is taken the CIR will capture the value
of the source that is prevailing in the arbitration process. (Call this
value the winning bid).
The Sclk drives the arbitration process. It evaluates the 12 bits of
the arbitration bus at
½ the Sclk rate developing a value for the CIR
every two Sclk cycles. New arbitration values presented to the
arbitration block during an arbitration cycle will be evaluated in the
next arbitration cycle.
For sources other than receiver and transmitters the user may set
the high order bits of an interrupt source’s bid value, thus tailoring
the relative priority of the interrupt sources. The fill level of their
respective FIFOs controls the priority of the receivers and
transmitters. The more filled spaces in the RxFIFO the higher the bid
value; the more empty spaces in the TxFIFO the higher its priority.
Channels whose programmable high order bits are set will be given
interrupt priority higher than those with zeros in their high order bits,
thus allowing increased flexibility. The transmitter and receiver bid
values contain the character counts of the associated FIFOs as high
order bits in the bid value. Thus, as a receiver’s RxFIFO fills, it bids
with a progressively higher priority for interrupt service. Similarly, as
empty space in a transmitter’s TxFIFO increases, its interrupt
arbitration priority increases.
The programmable fields allow the software to adjust the authority or
value of the bid for those devices not having a FIFO.
For example: The break condition is sometimes used to signal a
starting point in a continuous stream of data. A Continuous running
weather report or stock market “ticker–tape” report needs breaks in
the data so that a receiver knows where the data starts. Once start
of the break is detected it is important to reset the “change of break “
interrupt so that this bit can signal the condition of the break ending.
This is signaled by the ‘L202 the setting another change of break
event in the ISR. Since it is assumed the data will be starting very
soon after the end of break it is important to give the change of
break condition a high priority. This may be accomplished by setting
the arbitration value for the “change of break” to a high value. The
value in the “change of break programmable field” in Table 1 would
be 0x7F.
IACKN Cycle, Update CIR
When the host CPU responds to the interrupt, it will usually assert
the IACKN signal low. This will cause the DUART to generate an
IACKN cycle in which the condition of the interrupting device is
determined. When IACKN asserts, the last valid interrupt number is
captured in the CIR. The value captured presents most of the
important details of the highest priority interrupt at the moment the
IACKN (or the ”Update CIR” command) was asserted.
The Dual UART will respond to the IACKN cycle with an interrupt
vector. The interrupt vector may be a fixed value, the content of the
Interrupt Vector Register, or when ”Interrupt Vector Modification” is
enabled via ICR, it may contain codes for the interrupt type and/or
interrupting channel. This allows the interrupt vector to steer the
interrupt service directly to the proper service routine. The interrupt
value captured in the CIR remains until another IACKN cycle occurs
or until an ”Update CIR” command is given to the DUART. The
interrupting channel and interrupt type fields of the CIR set the
current ”interrupt context” of the DUART. The channel component of
the interrupt context allows the use of Global Interrupt Information
registers that appear at fixed positions in the register address map.
For example, a read of the Global RxFIFO will read the channel B
RxFIFO if the CIR interrupt context is channel B receiver. At another
time read of the GRxFIFO may read the channel A RxFIFO (CIR
holds a channel A receiver interrupt) and so on. Global registers
exist to facilitate qualifying the interrupt parameters and for writing to
and reading from FIFOs without explicitly addressing them.
The CIR will load with x’00 if IACKN or Update CIR is asserted when
the arbitration circuit is NOT asserting an interrupt. In this condition
there is no arbitration value that exceeds the threshold value. When
Interrupt vector modification is active in this situation the interrupt
vector bits associated with the CIR will all be zero.
Global Registers
The ”Global Registers”, 10 in all, are driven by the interrupt system.
They are defined by the content of the CIR (Current Interrupt
Register) as a result of an interrupt arbitration. In other words they
are indirect registers pointed to by the content of the CIR. The list of
global register follows:
• GIBCR The byte count of the interrupting FIFO
• GICR
Channel number of the interrupting channel
• GITR
Type identification of interrupting channel
• GRxFIFO Pointer to the interrupting receiver FIFO
• GTxFIFO Pointer to the interrupting transmitter FIFO
A read of the GRxFIFO will give the content of the RxFIFO that
presently has the highest bid value. The purpose of this system is to
enhance the efficiency of the interrupt system. The global registers
and the CIR update procedure are further described in the Interrupt
Arbitration system
Polling, (Normal and using the CIR)
Many users prefer polled to interrupt driven service where there are
not a large number of fast data channels and/or the host CPU’s
other interrupt overhead is low. The Dual UART is functional in this
environment.
The most efficient method of polling is the use of the ”update CIR”
command (with the interrupt threshold set to zero) followed by a
read of the CIR. This dummy write cycle will perform the same CIR
capture function that an IACKN falling edge would accomplish in an
interrupt driven system. A subsequent read of the CIR, at the same
address, will give information about an interrupt, if any. If the CIR
type field contains 0s, no interrupt is awaiting service. If the value is
non–zero, the fields of the CIR may be decoded for type; channel
and character count information. Optionally, the global interrupt
registers may be read for particular information about the interrupt
status or use of the global RxD and TxD registers for data transfer
as appropriate. The interrupt context will remain in the CIR until
another update CIR command or an IACKN cycle is initiated by the
host CPU occurs. The CIR loads with x’00 if Update CIR is asserted
when the arbitration circuit has NOT detected an arbitration value
that exceeds the threshold value of the ICR. The global registers
and CIR may be used as “vectors” to the service type required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com