Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L202 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 35Page - NXP Semiconductors SC28L202 Datasheet HTML 36Page - NXP Semiconductors SC28L202 Datasheet HTML 37Page - NXP Semiconductors SC28L202 Datasheet HTML 38Page - NXP Semiconductors SC28L202 Datasheet HTML 39Page - NXP Semiconductors SC28L202 Datasheet HTML 40Page - NXP Semiconductors SC28L202 Datasheet HTML 41Page - NXP Semiconductors SC28L202 Datasheet HTML 42Page - NXP Semiconductors SC28L202 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
33
XISR – Xon–Xoff Interrupt Status Register A and B (Reading this register clears XISR(7:4))
Bits 7:6
Bits 5:4
Bits 3:2
Bits 1:0
Received X Character Status
Automatic X Character transmission
status
TxD flow status
TxD character status
00 = none
01 = Xoff received
10 = Xon received
11 = both received
00 = none
01 = Xon transmitted
10 = Xoff transmitted
11 = Both transmitted
00 = normal transmission
01 = TxD halt pending
10 = re – enabled
11 = flow halted
00 = normal TxD data
01 = Idle wait for FIFO
data
10 = Xoff in pending
11 = Xon in pending
XISR[7:6] Received X Character Status.
This field can be read to determine if the receiver has encountered a
Xon or Xoff character in the incoming data stream. These bits are
maintained until a read of the XISR. The field is updated by X
character reception regardless of the state of MR3(7) and MR3(3:2)
or IMR(4). The field can therefore be used as a character detector
for the bit patterns stored in the Xon and Xoff Character Registers.
XISR[5:4] Automatic transmission Status.
This field indicates the last flow control character sent in the Auto
Receiver flow control mode. If Auto Receiver mode has not been
enabled, this field will always read b’00. It will likewise reset to b’00 if
MR0(3) is reset. If the Auto Receiver mode is exited while this field
reads b’10, it is the user’s responsibility to transmit a Xon, when
appropriate.
XISR[3:2] TxD Condition of the automatic flow control status.
This field tracks the transmitter’s flow status as follows:
• 00 – normal transmission. Transmitter is not affected by Xon or
Xoff.
• 01 – TxD halt pending. After the current character finishes the
transmitter will stop. The status will then change to b’11.
• 10 – re–enabled. The transmitter had been halted and has been
restarted. It is sending (or is prepared to send) data characters.
After a read of the XISR, it will return to ”normal” status.
• 11 – The transmitter is stopped due to an Xoff character being
received from its associated receiver. The transmitter is “flow
controlled”.
XISR[1:0] TxD X character Status.
This field allows determination of the type of character being
transmitted. It will always be b’00 if none of the automatic X
character controls of MR3[3:2] is enabled.
• 01 – The channel is waiting for a data character to transfer from
the TxFIFO. This condition will only occur for a bit time after a Xon
or Xoff character transmission unless the TxFIFO is empty.
• 10 – A command to send an Xoff character is pending.
• 11 – A command to send an Xon character is pending.
Conditions b’10 and b’11 will not exist for more than a character
time.
WCXER Watch Dog, Character, Address and X Enable Register – A and B
Bit 7
Bit 6
Bit 5
Bit 4
BIT 3
BIT 2
BIT 1
BIT 0
Watch dog *
Address recognition
Xon recognition
Xoff Recognition
1 = disable Wd
0 = no action
1 = enable
Wd
0 = no action
1 = disable Ar
0 = no action
1 = enable Ar
0 = no action
1 = disable
Xon
0 = no action
1 = enable
Xon
0 = no action
1 = disable
Xoff
0 = no action
1 = enable
Xoff
0 = no action
This register enables the UART’s Character Recognition, Address
Recognition and Receiver watchdog timer. If both enable and
disable are active a disable results. This register is used to enable
the general–purpose character recognition feature WITHOUT
causing any Xon/Xoff or wakeup mode activities to occur. The
recognition event is reported in the ISR register.
* This bit control is duplicated at MR0[7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com