Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L202 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # SC28L202
Description  Dual universal asynchronous receiver/transmitter DUART
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L202 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button SC28L202 Datasheet HTML 45Page - NXP Semiconductors SC28L202 Datasheet HTML 46Page - NXP Semiconductors SC28L202 Datasheet HTML 47Page - NXP Semiconductors SC28L202 Datasheet HTML 48Page - NXP Semiconductors SC28L202 Datasheet HTML 49Page - NXP Semiconductors SC28L202 Datasheet HTML 50Page - NXP Semiconductors SC28L202 Datasheet HTML 51Page - NXP Semiconductors SC28L202 Datasheet HTML 52Page - NXP Semiconductors SC28L202 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
Philips Semiconductors
Objective specification
SC28L202
Dual UART
2000 Feb 10
43
MR1 Mode Register 1
Bit 7
BIT 6
BIT 5
Bit (4:3)
BIT 2
Bits (1:0)
MR1 A
MR1 B
Rx
CONTROLS
RTS
RxINT
BIT 1
ERROR
MODE
PARITY MODE
PARITY
TYPE
BITS PER
CHARACTER
0 = No
1 = Yes
0 = RxRDY
1 = FFULL
0 = Char
1 = Block
00 = With Parity
01 = Force Parity
10 = No Parity
11 = Multi–drop Mode
0 = Even
1 = Odd
00 = 5
01 = 6
10 = 7
11 = 8
NOTE: * In block error mode the block error conditions must be cleared by using the error reset command (command 0x40) or a receiver reset.
MR1 A is accessed when the Channel A MR pointer points to MR1.
The pointer is set to MR1 by RESET or by a ‘set pointer’ command
applied via CR command 1. After reading or writing MR1 A, the
pointer will point to MR2 A.
MR1 A[7] – Channel A Receiver Request–to–Send Control (Flow
Control)
This bit controls the deactivation of the RTSN A output (I/O0 B) by
the receiver. This output is normally asserted by setting OPR[0]B
and negated by resetting OPR[0]B.
MR1 A[7] = 1 causes RTSN A to be negated (I/O0 B is driven to a ‘1’
[VCC]) upon receipt of a valid start bit if the Channel A FIFO is full.
This is the beginning of the reception of the ninth byte. If the FIFO is
not read before the start of the tenth byte, an overrun condition will
occur and the tenth byte will be lost. However, the bit in OPR[0] is
not reset and RTSN A will be asserted again when an empty FIFO
position is available. This feature can be used for flow control to
prevent overrun in the receiver by using the RTSN A output signal to
control the CTSN input of the transmitting device.
MR1[6] – Receiver interrupt control bit 1. See description under
MR0[6].
MR1 A[5] – Channel A Error Mode Select
This bit select the operating mode of the three FIFOed status bits
(FE, PE, received break) for Channel A. In the ‘character’ mode,
status is provided on a character–by–character basis; the status
applies only to the character at the top of the FIFO. In the ‘block’
mode, the status provided in the SR for these bits is the
accumulation (logical–OR) of the status for all characters coming to
the top of the FIFO since the last ‘reset error’ command for Channel
A was issued.
MR1 A[4:3| – Channel A Parity Mode Select
If ‘with parity’ or ‘force parity’ is selected a parity bit is added to the
transmitted character and the receiver performs a parity check on
incoming data
MR1 A[4:3] = 11 selects Channel A to operate in the special
multi–drop mode described in the Operation section.
MR1 A[2] – Channel A Parity Type Select
Selects the parity type (odd or even) if the “‘with parity” mode is
programmed by MR1 A[4:3], and the polarity of the forced parity bit if
the ‘force parity’ mode is programmed; no effect if ‘no parity’ is
programmed. In the special multi–drop mode it selects the polarity of
the A/D bit.
MR1 A[1:0] – Channel A Bits Per Character Select
This field selects the number of data bits per character to be
transmitted and received. The character length does not include the
start, parity, and stop bits.
MR2 A is accessed when the Channel A MR pointer points to MR2,
which occurs after any access to MR1 A. Accesses to MR2 A do not
change the pointer.
MR2 Mode Register 2
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MR2 A
MR2 B
CHANNEL MODE
Tx CONTROLS RTS
CTS
ENABLE Tx
STOP BIT LENGTH
NOTE: Add 0.5 to binary codes 0 – 7 for 5 bit character lengths.
00 = Normal
01 = Auto–Echo
10 = Local loop
11 = Remote loop
0 = No
1 = Yes
0 = No
1 = Yes
0 = 0.563 4 = 0.813 8 = 1.563 C = 1.813
1 = 0.625 5 = 0.875 9 = 1.625 D = 1.875
2 = 0.688 6 = 0.938 A = 1.688 E = 1.938
3 = 0.750 7 = 1.000 B = 1.750 F = 2.000
NOTE: *Add 0.5 to values shown for 0 – 7 if channel is programmed
for 5 bits/char.
See description in the previous MR2 description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com