Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 23 Page - Silicon Storage Technology, Inc

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP05 Datasheet(HTML) 23 Page - Silicon Storage Technology, Inc

Back Button SST13LP05 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 24Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
23
©2006 Silicon Storage Technology, Inc.
S71318-00-000
12/06
FIGURE 24: 16-contact Low-profile, Fine-pitch, Land Grid Array (LFLGA)
SST Package Code: MLC
TABLE
6: Revision History
Revision
Description
Date
00
•
Initial release of data sheet.
Dec 2006
Note: 1. From the bottom view, the pin #1 indicator may be either a 45-degree chamfer or a half-circle notch.
2. The external paddle is electrically connected to the die back-side and should be soldered to the VSS
of the PC board. Connection of this paddle to any other voltage potential will result in shorts and/or
electrical malfunction of the device.
3. Untoleranced dimensions are nominal target values.
4. Land set back from body edge applies to all lands of package.
5. All linear dimensions are in millimeters (max/min).
16-LGA-4x4-MLC-0.0
2.7
Pin #1
0.0684 BSC4
2.7
1.40
1.20
Pin #1
Laser
Engraved
TOP VIEW
BOTTOM VIEW
SIDE VIEW
1mm
0.35
0.65 BSC
0.39
4.00
±0.10
4.00
±0.10
See notes
1 and 2
0.075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com