Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 24 Page - Silicon Storage Technology, Inc

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP05 Datasheet(HTML) 24 Page - Silicon Storage Technology, Inc

Back Button SST13LP05 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 24Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
©2006 Silicon Storage Technology, Inc.
S71318-00-000
12/06
24
CONTACT INFORMATION
Marketing
SST Communications Corp.
5340 Alla Road, Ste. 210
Los Angeles, CA 90066
Tel: 310-577-3600
Fax: 310-577-3605
Sales and Marketing Offices
NORTH AMERICA
ASIA PACIFIC NORTH
Silicon Storage Technology, Inc.
SST Macao
Les Crowder
H. H. Chang
Technical Sales Support - North America
Senior Director, Sales
Tel: 949-495-6437
Room N, 6th Floor,
Fax: 949-495-6364
Macao Finance Center, No. 202A-246,
E-mail: lcrowder@sst.com
Rua de Pequim, Macau
Tel: (853) 706-022
Fax: (853) 706-023
E-mail: hchang@sst.com
EUROPE
ASIA PACIFIC SOUTH
Silicon Storage Technology Ltd.
SST Communications Co.
Ralph Thomson
Sunny Tzeng
Director, Field Applications Engineering
Country Manager
Mark House
16F-6, No. 75, Sec.1,
9-11 Queens Road
Sintai 5th Rd
Hersham KT12 5LU
UK
Sijhih City, Taipei County 22101, Taiwan, R.O.C.
Tel: +44 (0) 1869 321 431
Tel: +886-2-8698-1168
Cell: +44 (0) 7787 508 919
Fax: +886-2-8698-1169
E-mail: rthomson@sst.com
E-mail: stzeng@sst.com
JAPAN
KOREA
SST Japan
SST Korea
Kiyomi Akaba
Charlie Shin
Country Manager
Country Manager
9F Toshin-Tameike Bldg, 1-1-14 Akasaka,
Rm# 1101 DonGu Root Bldg, 16-2 Sunae-Dong,
Minato-ku, Tokyo, Japan 107-0052
Bundang-Gu, Sungnam, Kyunggi-Do
Tel: (81) 3-5575-5515
Korea, 463-020
Fax: (81) 3-5575-5516
Tel: (82) 31-715-9138
Email: kakaba@sst.com
Fax: (82) 31-715-9137
Email: cshin@sst.com
Silicon Storage Technology, Inc. • 1171 Sonora Court • Sunnyvale, CA 94086 • Telephone 408-735-9110 • Fax 408-735-9036
www.SuperFlash.com or www.sst.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com