Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP05 Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST13LP05 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
©2006 Silicon Storage Technology, Inc.
S71318-00-000
12/06
6
For 802.11b/g Operation
TABLE
2: DC Electrical Characteristics
Symbol
Parameter
Min.
Typ
Max.
Unit
VCC
Supply Voltage
3.0
3.3
3.6
V
ICC
Supply Current
for 802.11g, 19 dBm
160
mA
for 802.11b, 23.5 dBm
235
mA
IREG
Analog control current at On state
2
mA
VREG
Reference Voltage
2.95
V
T2.0 1318
TABLE
3: AC Electrical Characteristics for Configuration
Symbol
Parameter
Min.
Typ
Max.
Unit
FL-U
Frequency range
2.4
2.5
GHz
G
Small signal gain
28
29
dB
GVAR1
Gain variation over temperature 0
°C – 85°C-1
1
dB
GVAR2
Gain flatness over any 50 MHz bandwidth
-0.3
0.3
dB
ACPR
Meet 11b spectrum mask
22
23
dBm
Meet 11g OFDM 54 Mbps spectrum mask
22
23
dBm
Added EVM
POUT = 19 dBm with 54Mbps
-28
dB
11g OFDM signal when operating at 3.3V Vcc
4
%
2f, 3f, 4f, 5f
Harmonics at POUT = 20 dBm
-50
dBc
Spurious non-harmonics at POUT = 20 dBm
-60
dBc
In/Out return loss at 50
Ω nominal impedance
6
dB
T3.0 1318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com