Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 13 Page - Silicon Storage Technology, Inc

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP05 Datasheet(HTML) 13 Page - Silicon Storage Technology, Inc

Back Button SST13LP05 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 17Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Preliminary Specifications
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP05
13
©2006 Silicon Storage Technology, Inc.
S71318-00-000
12/06
Low Band Power Detector Characteristics
Test Conditions: VCC = 3.3V, VREF = 2.95V, TA = 25°C, 54 Mbps 802.11g OFDM Signal
FIGURE 11: Low Band Detector Voltage versus Output Power
Detector Voltage versus Output Power
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
9
10
1112
1314
1516
1718
19
20
21
22
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.484 GHz
1318 F10.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com