Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST13LP05 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST13LP05
Description  2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST13LP05 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST13LP05 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST13LP05 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2006 Silicon Storage Technology, Inc.
S71318-00-000
12/06
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Preliminary Specifications
FEATURES:
•
High Gain:
– Typically 29 dB gain across 2.4-2.5 GHz
– Typically 29-26 dB gain across 4.9-5.8 GHz
•
High linear output power:
– >25 dBm P1dB (Pulsed single-tone signal) across
2.4-2.5 GHz
– Meets 802.11b OFDM ACPR requirement up to
23.5 dBm across 2.4-2.5 GHz
– Meets 802.11g OFDM ACPR requirement up to
23 dBm across 2.4-2.5 GHz
– Added EVM ~4% up to 19 dBm for
54 Mbps 802.11g signal across 2.4-2.5 GHz
– >24 dBm P1dB across 4.9-5.8 GHz
– Meets 802.11a OFDM ACPR requirement up to
22.5 dBm across 4.9-5.8 GHz
– Added EVM ~4% up to 18 dBm for
54 Mbps 802.11a signal across 4.9-5.8 GHz
•
High power-added efficiency/Low operating
current for 802.11a/b/g applications
– ~160 mA @ POUT = 19 dBm for 802.11g
– ~235 mA @ POUT = 23.5 dBm for 802.11b
– ~270 mA @ POUT = 18 dBm for 802.11a
•
Built-in Ultra-low IREF power-up/down control
–IREF < 2 mA
•
High-speed power-up/down
– Turn on/off time (10%-90%) <100 ns
– Typical power-up/down delay with driver delay
included <200 ns
•
High temperature stability
– ~1 dB gain/power variation between 0°C to +85°C
across 2.4-2.5 GHz
– ~3/1 dB gain/max linear power variation between
0°C to +85°C across 4.9-5.8 GHz
– ±0.5 dB detector variation between 0°C to +85°C
•
Low shut-down current (< 2 µA)
•
20 dB dynamic range on-chip power detection
•
Built-in input/output matching
•
Packages available
– 16-contact LGA package (4mm x 4mm)
•
All non-Pb (lead-free) devices are ROHS compliant.
APPLICATIONS:
•
WLAN (IEEE 802.11a/g/b)
•
Japanese WLAN
•
HyperLAN2
•
Multimedia
•Home RF
•
Cordless phones
PRODUCT DESCRIPTION
The SST13LP05 is a fully matched, dual-band power
amplifier module (PAM) based on the highly-reliable InGaP/
GaAs HBT technology. This PAM provides excellent RF
performance, temperature-stable power detectors, and
low-current
analog
on/off
control
interfaces.
The
SST13LP05 provides stable RF and power detector perfor-
mance over a large VCC power supply variation, with an
ultra-low shut-down current.
With a near-zero Rest of Bill of Materials (RBOM), the
SST13LP05 is designed for 802.11a/b/g applications cov-
ering frequency bands 2.4-2.5 GHz and 4.9-5.8 GHz for
U.S., European, and Japanese markets.
The SST13LP05 has excellent linearity, typically 4% added
Error Vector Magnitude (EVM) at 19 dBm output power.
This output power is essential for 54 Mbps 802.11g opera-
tion while meeting 802.11g spectrum mask at 23 dBm and
802.11b spectrum mask at 23.5 dBm. For 802.11a opera-
tion, the SST13LP05 typically demonstrates <4% added
EVM at 18 dBm output power while meeting 802.11a spec-
trum mask at 22.5 dBm.
The SST13LP05 also has wide-range (>20 dB), tempera-
ture-stable (±0.5 dB across 0°C to +85°C), directionally-
coupled, power detectors which provide a reliable and cost-
effective solution to board-level power control. The device’s
analog on/off control can be driven by an analog or digital
control signal from either a transceiver or baseband chip.
These features, coupled with low operating current, make
the SST13LP05 ideal for the final stage power amplifica-
tion in both battery-powered 802.11a/b/g WLAN trans-
mitters and access point applications.
The SST13LP05 is offered in a 16-contact LGA package.
See Figure 2 for pin assignments and Table 1 for pin
descriptions.
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
SST13LP05
SST13LP052.4 - 2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier


Similar Part No. - SST13LP05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results

Similar Description - SST13LP05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
Silicon Storage Technol...
SST11LP11 SST-SST11LP11 Datasheet
482Kb / 14P
4.9-5.8 GHz High-Linearity Power Amplifier
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST11LP12 SST-SST11LP12_10 Datasheet
532Kb / 12P
4.9-5.8 GHz High-Linearity Power Amplifier
SST11CP15 SST-SST11CP15 Datasheet
647Kb / 11P
4.9-5.8 GHz High-Linearity Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812-BLKG AVAGO-ALM-2812-BLKG Datasheet
156Kb / 10P
Dual-Band (2.4-2.5) GHz (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Broadcom Corporation.
ALM-2812 BOARDCOM-ALM-2812 Datasheet
156Kb / 10P
Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
DEMO-ALM-2X12 BOARDCOM-DEMO-ALM-2X12 Datasheet
156Kb / 10P
Dual-Band (2.4-2.5) GHz & (4.9-6) GHz WLAN Low-Noise Amplifier
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com